Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD750004 Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # UPD750004
Description  MOS INTEGRATED CIRCUIT
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD750004 Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button UPD750004 Datasheet HTML 71Page - Renesas Technology Corp UPD750004 Datasheet HTML 72Page - Renesas Technology Corp UPD750004 Datasheet HTML 73Page - Renesas Technology Corp UPD750004 Datasheet HTML 74Page - Renesas Technology Corp UPD750004 Datasheet HTML 75Page - Renesas Technology Corp UPD750004 Datasheet HTML 76Page - Renesas Technology Corp UPD750004 Datasheet HTML 77Page - Renesas Technology Corp UPD750004 Datasheet HTML 78Page - Renesas Technology Corp UPD750004 Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 86 page
background image
µPD750004, 750006, 750008, 750004(A), 750006(A), 750008(A)
73
Data Sheet U10738EJ3V2DS
15. RECOMMENDED SOLDERING CONDITIONS
The
µPD750004, µPD750006, and µPD750008 should be soldered and mounted under the following recommended
conditions.
For technical information, see the following website.
Semiconductor Device Mount Manual (http://www.necel.com/pkg/en/mount/index.html)
Table 15-1. Surface Mounting Type Soldering Conditions (1/2)
(1)
µPD750004GB-×××-3BS-MTX:
44-pin plastic QFP (10
× 10 mm, 0.8 mm pitch)
µPD750006GB-×××-3BS-MTX:
44-pin plastic QFP (10
× 10 mm, 0.8 mm pitch)
µPD750008GB-×××-3BS-MTX:
44-pin plastic QFP (10
× 10 mm, 0.8 mm pitch)
µPD750004GB(A)-×××-3BS-MTX: 44-pin plastic QFP (10 × 10 mm, 0.8 mm pitch)
µPD750006GB(A)-×××-3BS-MTX: 44-pin plastic QFP (10 × 10 mm, 0.8 mm pitch)
µPD750008GB(A)-×××-3BS-MTX: 44-pin plastic QFP (10 × 10 mm, 0.8 mm pitch)
Soldering
Soldering Conditions
Recommended
Method
Condition Symbol
Infrared reflow
Package peak temperature: 235˚C, Time: 30 seconds max. (at 210˚C or higher),
IR35-00-3
Count: Three times or less
VPS
Package peak temperature: 215˚C, Time: 40 seconds max. (at 200˚C or higher),
VP15-00-3
Count: Twice or less
Wave soldering
Solder bath temperature: 260˚C max., Time: 10 seconds max., Count: Once
WS60-00-1
Preheating temperature: 120˚C max. (package surface temperature)
Partial heating
Pin temperature: 350˚C max., Time: 3 seconds max. (per pin row)
—
Caution Do not use different soldering methods together (except for partial heating).
Remark
For soldering methods and conditions other than those recommended above, contact an NEC Electronics
sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com