Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD780921 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # UPD780921
Description  MOS INTEGRATED CIRCUIT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD780921 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button UPD780921 Datasheet HTML 25Page - Renesas Technology Corp UPD780921 Datasheet HTML 26Page - Renesas Technology Corp UPD780921 Datasheet HTML 27Page - Renesas Technology Corp UPD780921 Datasheet HTML 28Page - Renesas Technology Corp UPD780921 Datasheet HTML 29Page - Renesas Technology Corp UPD780921 Datasheet HTML 30Page - Renesas Technology Corp UPD780921 Datasheet HTML 31Page - Renesas Technology Corp UPD780921 Datasheet HTML 32Page - Renesas Technology Corp UPD780921 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
29
µPD780921, 780922, 780923, 780924
11. PACKAGE DRAWINGS
A
F
D
N
M
C
B
M
R
64
33
32
1
K
L
NOTE
Each lead centerline is located within 0.17 mm (0.007 inch) of
its true position (T.P.) at maximum material condition.
P64C-70-750A,C-1
ITEM MILLIMETERS
INCHES
A
B
C
D
F
G
H
I
J
K
58.68 MAX.
1.778 (T.P.)
3.2±0.3
0.51 MIN.
4.31 MAX.
1.78 MAX.
L
M
0.17
0.25
19.05 (T.P.)
5.08 MAX.
17.0
N
0~15°
0.50±0.10
0.9 MIN.
R
2.311 MAX.
0.070 MAX.
0.020
0.035 MIN.
0.126±0.012
0.020 MIN.
0.170 MAX.
0.200 MAX.
0.750 (T.P.)
0.669
0.010
0.007
0~15°
+0.004
–0.003
0.070 (T.P.)
1)
Item "K" to center of leads when formed parallel.
2)
+0.10
–0.05
+0.004
–0.005
64 PIN PLASTIC SHRINK DIP (750 mil)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com