Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD780921 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # UPD780921
Description  MOS INTEGRATED CIRCUIT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD780921 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button UPD780921 Datasheet HTML 18Page - Renesas Technology Corp UPD780921 Datasheet HTML 19Page - Renesas Technology Corp UPD780921 Datasheet HTML 20Page - Renesas Technology Corp UPD780921 Datasheet HTML 21Page - Renesas Technology Corp UPD780921 Datasheet HTML 22Page - Renesas Technology Corp UPD780921 Datasheet HTML 23Page - Renesas Technology Corp UPD780921 Datasheet HTML 24Page - Renesas Technology Corp UPD780921 Datasheet HTML 25Page - Renesas Technology Corp UPD780921 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
22
µPD780921, 780922, 780923, 780924
6. INTERRUPT FUNCTIONS
There are 18 interrupt functions of three different kinds as shown below.
• Non-maskable interrupt
:
1
• Maskable interrupts
: 16
• Software interrupt
:
1
Default
Interrupt Source
Internal/
Vector Table
Basic
Interrupt Type
Priority Note 1
Name
Trigger
External
Address
Configuratin
Type Note 2
Non-maskable
—
INTWDT
Watchdog timer overflow
Internal
0004H
(A)
(when non-maskable interrupt is selected)
Maskable
0
INTWDT Watchdog timer overflow
(B)
(when interval timer is selected)
1
INTP0
Pin input edge detection
External
0006H
(C)
2
INTP1
0008H
3
INTP2
000AH
4
INTP3
000CH
5
INTTM7
TM7 under flow
Internal
000EH
(B)
6
INTSER0 UART00 receive error generation
0010H
7
INTSR0
UART00 receive termination
0012H
8
INTST0
UART00 transmit termination
0014H
9
INTSER1 UART01 receive error generation
0016H
10
INTSR1
UART01 receive termination
0018H
11
INTST1
UART01 transmit termination
001AH
12
INTTM50 TM50 and CR50 match signal generation
001CH
13
INTTM51 TM51 and CR51 match signal generation
001EH
14
INTTM52 TM52 and CR52 match signal generation
0020H
15
INTAD0
A/D conversion termination
0022H
Software
—
BRK
BRK instruction execution
—
003EH
(D)
Table 6-1. Interrupt Source List
Notes 1. The default priority is the priority applicable when more than one maskable interrupt is generated. 0 is the highest
priority and 15, the lowest.
2. Basic configuration types (A) to (D) correspond to (A) to (D) on the next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com