Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD780921 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # UPD780921
Description  MOS INTEGRATED CIRCUIT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD780921 Datasheet(HTML) 4 Page - Renesas Technology Corp

  UPD780921 Datasheet HTML 1Page - Renesas Technology Corp UPD780921 Datasheet HTML 2Page - Renesas Technology Corp UPD780921 Datasheet HTML 3Page - Renesas Technology Corp UPD780921 Datasheet HTML 4Page - Renesas Technology Corp UPD780921 Datasheet HTML 5Page - Renesas Technology Corp UPD780921 Datasheet HTML 6Page - Renesas Technology Corp UPD780921 Datasheet HTML 7Page - Renesas Technology Corp UPD780921 Datasheet HTML 8Page - Renesas Technology Corp UPD780921 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
4
µPD780921, 780922, 780923, 780924
—
Functions
Timer
VDD
I/O
MIN.
Subseries
8-bit
16-bit Watch WDT
Value
For Control
µPD78078
32 K to 60 K
4ch
1ch
1ch
1ch
8ch
2ch
3ch (UART: 1ch)
88
1.8 V
µPD78070A
61
2.7 V
µPD780018 48 K to 60 K
—
2ch
88
µPD78058F
2ch
2ch
3ch (UART : 1ch)
69
µPD78054
16 K to 60 K
2.0 V
µPD780924 8 K to 32K
3ch
—
2ch (UART : 2ch)
47
2.7ch
µPD78018F 8 K to 60 K 2ch
1ch
1ch
2ch
53
1.8 V
µPD78014
8 K to 32 K
2.7 V
µPD780001 8 K
—
—
1ch
39
µPD78002
8 K to 16 K
1ch
—
53
µPD78083
8 K to 16 K
—
8ch
1ch (UART : 1ch)
33
1.8 V
For FIP
µPD780208 32 K to 60 K 2ch
1ch
1ch
1ch
8ch
2ch
74
2.7 V
drive
µPD78044F 16 K to 40 K
68
µPD78024
24 K to 32 K
54
For LCD
µPD780308 48 K to 60 K 2ch
1ch
1ch
1ch
8ch
—
3ch (UART: 1ch)
57
1.8 V
drive
µPD78064B 32 K
2ch (UART : 1ch)
2.0 V
µPD78064
16 K to 32 K
IEBus
µPD78098
32 K to 60 K
2ch
1ch
1ch
1ch
8ch
2ch
3ch (UART: 1ch)
69
2.7 V
Support
For LV
µPD78P0914 32K
6ch
—
—
1ch
8ch
—
2ch
54
4.5 V
8-bit
A/D
Serial
Interface
Note
—
ROM
Capacity
The table below shows the main differences between subseries.
External
Expansion
Available
—
Available
—
—
—
Available
Available
8-bit
D/A
—
Note
10-bit timer: one channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com