Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD780921 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # UPD780921
Description  MOS INTEGRATED CIRCUIT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD780921 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button UPD780921 Datasheet HTML 21Page - Renesas Technology Corp UPD780921 Datasheet HTML 22Page - Renesas Technology Corp UPD780921 Datasheet HTML 23Page - Renesas Technology Corp UPD780921 Datasheet HTML 24Page - Renesas Technology Corp UPD780921 Datasheet HTML 25Page - Renesas Technology Corp UPD780921 Datasheet HTML 26Page - Renesas Technology Corp UPD780921 Datasheet HTML 27Page - Renesas Technology Corp UPD780921 Datasheet HTML 28Page - Renesas Technology Corp UPD780921 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
25
µPD780921, 780922, 780923, 780924
7. EXTERNAL DEVICE EXPANSION FUNCTION
The external device expansion function is used to connect external devices to areas other than the internal ROM, RAM
and SFR.
Ports 4 to 6 are used for connection with external devices.
8. STANDBY FUNCTIONS
There are the following two standby functions to reduce the current consumption.
• HALT mode
: The CPU operating clock is stopped. The average current consumption can be reduced by intermittent
operation in combination with the normal operating mode.
• STOP mode
: The system clock oscillation is stopped. The whole operation by the system clock is stopped, so that
the system operates with ultra-low power dissipation.
Figure 8-1. Standby Functions
System Clock Operation
STOP Instruction
Interrupt
Request
STOP Mode
(System clock oscillation
is stopped)
HALT Instruction
Interrupt
Request
HALT Mode
(Clock supply to CPU is stopped,
and oscillation is maintained)
9. RESET FUNCTIONS
There are the following two reset methods.
• External reset by RESET input.
• Internal reset by watchdog timer runaway time detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com