Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD780921 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # UPD780921
Description  MOS INTEGRATED CIRCUIT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD780921 Datasheet(HTML) 5 Page - Renesas Technology Corp

  UPD780921 Datasheet HTML 1Page - Renesas Technology Corp UPD780921 Datasheet HTML 2Page - Renesas Technology Corp UPD780921 Datasheet HTML 3Page - Renesas Technology Corp UPD780921 Datasheet HTML 4Page - Renesas Technology Corp UPD780921 Datasheet HTML 5Page - Renesas Technology Corp UPD780921 Datasheet HTML 6Page - Renesas Technology Corp UPD780921 Datasheet HTML 7Page - Renesas Technology Corp UPD780921 Datasheet HTML 8Page - Renesas Technology Corp UPD780921 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
5
µPD780921, 780922, 780923, 780924
FUNCTION OVERVIEW
Item
µPD780921
µPD780922
µPD780923
µPD780924
Internal
ROM
8 Kbytes
16 Kbytes
24 Kbytes
32 Kbytes
memory
Internal
512 bytes
1024 bytes
high-speed RAM
Memory space
64 Kbytes
General-purpose register
8 bits x 32 registers (8 bits x 8 registers x 4 banks)
Instruction cycle
On-chip instruction execution time variable function
0.24
µs/0.48 µs/0.96 µs/1.9 µs/3.8 µs (@ 8.38-MHz operation with system clock)
Instruction set
• 16-bit operation
• Multiply/divide (8 bits x 8 bits, 16 bits
÷ 8 bits)
• Bit manipulate (set, reset, test, Boolean operation)
• BCD adjust, etc.
I/O ports
Total
: 47
• CMOS inputs :
8
• CMOS I/Os
: 39
Real-time output ports
8 bits x 1 or 4 bits x 2
A/D converter
• 8-bit resolution x 8 channels
• Power supply voltage: AVDD = 2.7 to 5.5 V
Serial interface
UART x 2 channels
Timer
• 8-bit timer/event counter
: 3 channels
• 10-bit timer
: 1 channel
• Watchdog timer
: 1 channel
Timer output
9 (8-bit PWM output x 3, and inverter control output x 6)
Vectored
Maskable interrupts Internal: 12, external: 4
interrupt
Non-maskable interrupt Internal: 1
Software interrupt
1
Power supply voltage
VDD = 2.7 to 5.5 V
Operating ambient temperature
TA = –40 to +85
°C
Package
• 64-pin plastic shrink DIP (750 mil)
• 64-pin plastic QFP (14 x 14 mm)
Product Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com