Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD780921 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # UPD780921
Description  MOS INTEGRATED CIRCUIT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD780921 Datasheet(HTML) 1 Page - Renesas Technology Corp

  UPD780921 Datasheet HTML 1Page - Renesas Technology Corp UPD780921 Datasheet HTML 2Page - Renesas Technology Corp UPD780921 Datasheet HTML 3Page - Renesas Technology Corp UPD780921 Datasheet HTML 4Page - Renesas Technology Corp UPD780921 Datasheet HTML 5Page - Renesas Technology Corp UPD780921 Datasheet HTML 6Page - Renesas Technology Corp UPD780921 Datasheet HTML 7Page - Renesas Technology Corp UPD780921 Datasheet HTML 8Page - Renesas Technology Corp UPD780921 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
MOS INTEGRATED CIRCUIT
8-BIT SINGLE-CHIP MICROCONTROLLER
The
µPD780921, 780922, 780923, and 780924, which are members of the µPD780924 subseries of the 78K/0 series,
are suited to control general-purpose inverters.
Compared to the conventional
µPD78014 subseries or µPD78018F subseries products, EMI (Electro Magnetic Interface)
noise is reduced for the
µPD780924 subseries products.
A flash memory version, the
µPD78F0924, that can operate within the same power supply voltage range as the mask
ROM version, and various development tools are also provided.
The details of functions are described in the following user’s manuals. Be sure to read them before designing.
µPD780924 Subseries User’s Manual : Planned
78K/0 Series User’s Manual Instructions : IEU-1372
FEATURES
• Internal ROM and RAM
Item
Program memory
Data memory
Package
Part Number
(ROM)
(internal high-capacity RAM)
µPD780921
8 Kbytes
512 bytes
• 64-pin plastic shrink DIP (750 mil)
µPD780922
16 Kbytes
• 64-pin plastic QFP (14 x 14 mm)
µPD780923
24 Kbytes
1024 bytes
µPD780924
32 Kbytes
• External memory expansion space: 48 Kbytes
• Minimum instruction execution time: 0.24
µs (@ fX = 8.38-MHz operation)
• I/O ports: 47
• 8-bit resolution A/D converter: eight channels
• Serial interface: two channels
• Timer: Five channels
• Power supply voltage: VDD = 2.7 to 5.5 V
APPLICATIONS
Motor control for inverter-type air conditioners, washing machines, etc.
The information in this document contains applications using a device in advance of the production cycle. The parameters for the device
may change before final production or NEC Corporation, at its own discretion, may withdraw the device prior to its production.
µPD780921, 780922, 780923, 780924
©
1996
PRELIMINARY PRODUCT INFORMATION
Document No. U11804EJ1V0PM00 (1st edition)
Date Published November 1996 N
Printed in Japan


Similar Part No. - UPD780921

ManufacturerPart #DatasheetDescription
logo
NEC
UPD780924 NEC-UPD780924 Datasheet
214Kb / 42P
8-BIT SINGLE-CHIP MICROCONTROLLER
More results

Similar Description - UPD780921

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
MOS INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com