Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA323W Datasheet(PDF) 59 Page - STMicroelectronics

Part # STA323W
Description  2.1 high efficiency digital audio system
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STA323W_06 Datasheet HTML 55Page - STMicroelectronics STA323W_06 Datasheet HTML 56Page - STMicroelectronics STA323W_06 Datasheet HTML 57Page - STMicroelectronics STA323W_06 Datasheet HTML 58Page - STMicroelectronics STA323W_06 Datasheet HTML 59Page - STMicroelectronics STA323W_06 Datasheet HTML 60Page - STMicroelectronics STA323W_06 Datasheet HTML 61Page - STMicroelectronics STA323W_06 Datasheet HTML 62Page - STMicroelectronics STA323W_06 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 71 page
background image
STA323W
User-programmable settings
59/71
8
User-programmable settings
8.1
EQ - biquad equation
The biquads use the equation that follows. This is shown in Figure 51.
Y[n] = 2(b0/2)X[n] + 2(b1/2)X[n-1] + b2X[n-2] - 2(a1/2)Y[n-1] - a2Y[n-2]
= b0X[n] + b1X[n-1] + b2X[n-2] - a1Y[n-1] - a2Y[n-2]
where Y[n] represents the output and X[n] represents the input. Signed, fractional 28-bit
multipliers are used, with coefficient values in the range of 0x800000 (-1) to 0x7FFFFF
(0.9999998808).
Coefficients stored in the user defined coefficient RAM are referenced in the following
manner:
●
CxHy0 = b1/2
●
CxHy1 = b2
●
CxHy2 = -a1/2
●
CxHy3 = -a2
●
CxHy4 = b0/2
The x represents the channel and the y the biquad number. For example C3H41 is the b0/2
coefficient in the fourth biquad for channel 3.
Figure 51.
Biquad filter
8.2
Pre-scale
The pre-scale block, which precedes the first biquad, is used for attenuation when filters are
designed that boost frequencies above 0 dBFS. The Pre-Scale block is a single 28-bit
signed multiplier, with 0x800000 = -1 and 0x7FFFFF = 0.9999998808. By default, all
pre-scale factors are set to 0x7FFFFF.
8.3
Post-scale
The STA323W provides one additional multiplication after the last interpolation stage and
before the distortion compensation on each channel. The post-scale block is a 24-bit signed
fractional multiplier. The scale factor for this multiplier is loaded into RAM using the same
I2C registers as the biquad coefficients and the mix. All channels can use the same settings
as channel 1 by setting the post-scale link bit.
+
+
+
2
2
2
b1/2
b0/2
Z -1
Z -1
b2
-a2
-a1/2
Z -1
Z -1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com