Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA323W Datasheet(PDF) 64 Page - STMicroelectronics

Part # STA323W
Description  2.1 high efficiency digital audio system
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STA323W_06 Datasheet HTML 60Page - STMicroelectronics STA323W_06 Datasheet HTML 61Page - STMicroelectronics STA323W_06 Datasheet HTML 62Page - STMicroelectronics STA323W_06 Datasheet HTML 63Page - STMicroelectronics STA323W_06 Datasheet HTML 64Page - STMicroelectronics STA323W_06 Datasheet HTML 65Page - STMicroelectronics STA323W_06 Datasheet HTML 66Page - STMicroelectronics STA323W_06 Datasheet HTML 67Page - STMicroelectronics STA323W_06 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 71 page
background image
User-programmable settings
STA323W
64/71
8.6.17
Coefficient write control register (address 0x26)
Coefficients for EQ, Mix and Scaling are handled internally in the STA323W via RAM.
Access to this RAM is available to the user via an I2C register interface. A collection of I2C
registers are dedicated to this function. The first register contains base address of the
coefficient: five sets of three registers store the values of the 24-bit coefficients to be written
or that were read, and one contains bits used to control the reading or writing of the
coefficients to RAM. The following are instructions for reading and writing coefficients.
8.7
Reading a coefficient from RAM
1.
Write 8-bits of address to I2C register 0x16.
2.
Write ‘1’ to bit R1 (D2) of I2C register 0x26.
3.
Read top 8-bits of coefficient in I2C address 0x17.
4.
Read middle 8-bits of coefficient in I2C address 0x18.
5.
Read bottom 8-bits of coefficient in I2C address 0x19.
8.8
Reading a set of coefficients from RAM
1.
Write 8-bits of address to I2C register 0x16.
2.
Write ‘1’ to bit RA (D3) of I2C register 0x26.
3.
Read top 8-bits of coefficient in I2C address 0x17.
4.
Read middle 8-bits of coefficient in I2C address 0x18.
5.
Read bottom 8-bits of coefficient in I2C address 0x19.
6.
Read top 8-bits of coefficient b2 in I2C address 0x1A.
7.
Read middle 8-bits of coefficient b2 in I2C address 0x1B.
8.
Read bottom 8-bits of coefficient b2 in I2C address 0x1C.
9.
Read top 8-bits of coefficient a1 in I2C address 0x1D.
10. Read middle 8-bits of coefficient a1 in I2C address 0x1E.
11. Read bottom 8-bits of coefficient a1 in I2C address 0x1F.
12. Read top 8-bits of coefficient a2 in I2C address 0x20.
13. Read middle 8-bits of coefficient a2 in I2C address 0x21.
14. Read bottom 8-bits of coefficient a2 in I2C address 0x22.
15. Read top 8-bits of coefficient b0 in I2C address 0x23.
16. Read middle 8-bits of coefficient b0 in I2C address 0x24.
17. Read bottom 8-bits of coefficient b0 in I2C address 0x25.
D7
D6
D5
D4
D3
D2
D1
D0
RA
R1
WA
W1
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com