Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA323W Datasheet(PDF) 40 Page - STMicroelectronics

Part # STA323W
Description  2.1 high efficiency digital audio system
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STA323W_06 Datasheet HTML 36Page - STMicroelectronics STA323W_06 Datasheet HTML 37Page - STMicroelectronics STA323W_06 Datasheet HTML 38Page - STMicroelectronics STA323W_06 Datasheet HTML 39Page - STMicroelectronics STA323W_06 Datasheet HTML 40Page - STMicroelectronics STA323W_06 Datasheet HTML 41Page - STMicroelectronics STA323W_06 Datasheet HTML 42Page - STMicroelectronics STA323W_06 Datasheet HTML 43Page - STMicroelectronics STA323W_06 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 71 page
background image
Register descriptions
STA323W
40/71
7.4
Configuration register C (address 0x02)
7.4.1
DDX® power output mode
The DDX® power output mode selects how the DDX® output timing is configured. Different
power devices can use different output modes. The recommended use is OM = 10. When
OM=11 the CSZ bits determine the size of the DDX® compensating pulse.
7.4.2
DDX® variable compensating pulse size
The DDX® variable compensating pulse size is intended to adapt to different power stage
ICs. Contact ST for support when using this function.
D7
D6
D5
D4
D3
D2
D1
D0
CSZ4
CSZ3
CSZ2
CSZ1
CSZ0
OM1
OM0
100
00
1
0
Table 26.
DDX
®
power output mode
Bit
R/W
RST
Name
Description
1...0
R/W
10
OM (1...0)
Selects configuration of DDX® output.
Table 27.
DDX® output modes
OM (1,0)
Output stage – mode
00
Not used
01
Not used
10
Recommended
11
Variable compensation
Table 28.
DDX® compensating pulse
CSZ (4…0)
Compensating pulse size
00000
0 clock period compensating pulse size
00001
1 clock period compensating pulse size
……
10000
16 clock period compensating pulse size
……
11111
31 clock period compensating pulse size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com