Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA323W Datasheet(PDF) 45 Page - STMicroelectronics

Part # STA323W
Description  2.1 high efficiency digital audio system
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STA323W_06 Datasheet HTML 41Page - STMicroelectronics STA323W_06 Datasheet HTML 42Page - STMicroelectronics STA323W_06 Datasheet HTML 43Page - STMicroelectronics STA323W_06 Datasheet HTML 44Page - STMicroelectronics STA323W_06 Datasheet HTML 45Page - STMicroelectronics STA323W_06 Datasheet HTML 46Page - STMicroelectronics STA323W_06 Datasheet HTML 47Page - STMicroelectronics STA323W_06 Datasheet HTML 48Page - STMicroelectronics STA323W_06 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 71 page
background image
STA323W
Register descriptions
45/71
7.7
Configuration register F (address 0x05)
7.7.1
Output configuration selection
Setting the IDE bit enables this function, which looks at the input I2S data and clocking and
automatically mutes all outputs if the signals are invalid.
Detects loss of input MCLK in binary mode and outputs 50% duty cycle to prevent audible
noise when input clocking is lost.
D7
D6
D5
D4
D3
D2
D1
D0
EAPD
PWDN
ECLE
RES
BCLE
IDE
OCFG1
OCFG0
0
1
011
1
1
0
Table 43.
Output configuration selection
Bit
R/W
RST
Name
Description
1…0
R/W
00
OCFG
(1…0)
00 – 2-channel (full-bridge) power, 1-channel DDX is default
Table 44.
Output configuration selections
OCFG (1...0)
Output power configuration
00
2 channel (full-bridge) power, 1 channel DDX:
1A/1B
◊1A/1B
2A/2B
◊2A/2B
01
2(half-bridge).1(full-bridge) on-board power:
1A
◊1A
Binary
2A
◊1B
Binary
3A/3B
◊2A/2B Binary
10
Reserved
11
1 channel mono-parallel:
3A
◊1A/1B
3B
◊2A/2B
Table 45.
Invalid input detect mute enable
Bit
R/W
RST
Name
Description
2R/W
1
IDE
0: disabled
1: enabled
Table 46.
Binary clock loss detection enable
Bit
R/W
RST
Name
Description
5R/W
1
BCLE
0: disabled
1: enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com