Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA323W Datasheet(PDF) 35 Page - STMicroelectronics

Part # STA323W
Description  2.1 high efficiency digital audio system
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STA323W_06 Datasheet HTML 31Page - STMicroelectronics STA323W_06 Datasheet HTML 32Page - STMicroelectronics STA323W_06 Datasheet HTML 33Page - STMicroelectronics STA323W_06 Datasheet HTML 34Page - STMicroelectronics STA323W_06 Datasheet HTML 35Page - STMicroelectronics STA323W_06 Datasheet HTML 36Page - STMicroelectronics STA323W_06 Datasheet HTML 37Page - STMicroelectronics STA323W_06 Datasheet HTML 38Page - STMicroelectronics STA323W_06 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 71 page
background image
STA323W
Register descriptions
35/71
The external clock frequency provided to the XTI pin must be a multiple of the input sample
frequency (fs). The correlation between the input clock and the input sample rate is
determined by the status of the MCSx bits and the IR (Input Rate) register bits. The MCSx
bits determine the PLL factor generating the internal clock and the IR bit determines the
oversampling ratio used internally.
7.1.2
Interpolation ratio select
The STA323W has variable interpolation (re-sampling) settings such that internal
processing and DDX output rates remain consistent. The first processing block interpolates
by either 2 times or 1 time (pass-through) or provides a down-sample by a factor of 2.
The IR bits determine the re-sampling ratio of this interpolation.
Table 14.
IR and MCS settings for input sample rate and clock rate
Input sample rate
fs (kHz)
IR
MCS(2..0)
000
001
010
011
100
101
32, 44.1, 48
00
768fs
512fs
384fs
256fs
128fs
576fs
88.2, 96
01
384fs
256fs
192fs
128fs
64fs
x
176.4, 192
1X
384fs
256fs
192fs
128fs
64fs
x
Table 15.
Interpolation ratio select
Bit
R/W
RST
Name
Description
4...3
R/W
00
IR (1...0)
Selects internal interpolation ratio based on input I2S
sample frequency
Table 16.
IR bit settings as a function of input sample rate
Input sample rate Fs (kHz)
IR (1, 0)
1st stage interpolation ratio
32
00
2 times over-sampling
44.1
00
2 times over-sampling
48
00
2 times over-sampling
88.2
01
Pass-Through
96
01
Pass-Through
176.4
10
Down-sampling by 2
192
10
Down-sampling by 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com