Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA323W Datasheet(PDF) 42 Page - STMicroelectronics

Part # STA323W
Description  2.1 high efficiency digital audio system
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STA323W_06 Datasheet HTML 38Page - STMicroelectronics STA323W_06 Datasheet HTML 39Page - STMicroelectronics STA323W_06 Datasheet HTML 40Page - STMicroelectronics STA323W_06 Datasheet HTML 41Page - STMicroelectronics STA323W_06 Datasheet HTML 42Page - STMicroelectronics STA323W_06 Datasheet HTML 43Page - STMicroelectronics STA323W_06 Datasheet HTML 44Page - STMicroelectronics STA323W_06 Datasheet HTML 45Page - STMicroelectronics STA323W_06 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 71 page
background image
Register descriptions
STA323W
42/71
Post-scale functionality is an attenuation placed after the volume control and directly before
the conversion to PWM. Post-scale can also be used to limit the maximum modulation index
and therefore the peak current. Setting 1, in the PSL register, causes the value stored in
Channel 1 post-scale to be used for all three internal channels.
7.5.5
Biquad coefficient link
For ease of use, all channels can use the biquad coefficients loaded into the channel 1
coefficient RAM space by setting the BQL bit to 1. Therefore, any EQ updates only have to
be performed once.
7.5.6
Dynamic range compression/anti-clipping bit
Both limiters can be used in one of two ways: anti-clipping or dynamic range compression.
When used in anti-clipping mode the limiter threshold values are constant and dependent on
the limiter settings. In dynamic range compression mode the limiter threshold values vary
with the volume settings allowing a nighttime listening mode that provides a reduction in the
dynamic range regardless of the volume level.
7.5.7
Zero-detect mute enable
Setting the ZDE bit enables the zero-detect automatic mute. When ZDE=1, the zero-detect
circuit looks at the input data to each processing channel after the channel-mapping block. If
any channel receives 2048 consecutive zero value samples (regardless of fs) then that
individual channel is muted if this function is enabled.
Table 33.
Biquad coefficient link
Bit
R/W
RST
Name
Description
4R/W
0
BQL
0: each channel uses coefficient values
1: each channel uses channel 1 coefficient values
Table 34.
Dynamic range compression/anti-clipping bit
Bit
R/W
RST
Name
Description
5R/W
0
DRC
0: limiters act in anti-clipping mode
1: limiters act in dynamic range compression mode
Table 35.
Zero-detect mute enable
Bit
R/W
RST
Name
Description
6
R/W
1
ZDE
Setting of 1 enables the automatic zero-detect mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com