Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD780949 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # UPD780949
Description  MOS INTEGRATED CIRCUIT
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD780949 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button UPD780949 Datasheet HTML 35Page - Renesas Technology Corp UPD780949 Datasheet HTML 36Page - Renesas Technology Corp UPD780949 Datasheet HTML 37Page - Renesas Technology Corp UPD780949 Datasheet HTML 38Page - Renesas Technology Corp UPD780949 Datasheet HTML 39Page - Renesas Technology Corp UPD780949 Datasheet HTML 40Page - Renesas Technology Corp UPD780949 Datasheet HTML 41Page - Renesas Technology Corp UPD780949 Datasheet HTML 42Page - Renesas Technology Corp UPD780949 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 69 page
background image
39
µPD780949(A)
7.
External Device Expansion Functions
The external device expansion functions connect external devices to areas other than the internal
ROM, RAM and SFR. External devices connection uses ports 4 to 6.
The external device expansion function has the following mode:
• Multiplexed bus mode:
External devices are connected by using a time-division
multiplexed address /data bus. This mode is useful for reducing
the number of ports used when external devices are connected.
Note:
Current consumption is reduced by shutting off the main system clock.
If the CPU is operating on subsystemclock, shut off the main system clock by setting MCC.
Caution:
When switching on the main system clock again after the subsystem clock has been used
with the main system clock stopped, be sure to provide enough time for the generation
to be stable with the program first.
Figure 9-1: Standby Function
9.
Standby Function
The standby function intends to reduce current consumption. It has the following two modes:
• HALT mode:
In this mode, the CPU operation clock is stopped. The average current consump-
tion can be reduced by intermittent operation by combining this mode with the
normal operation mode.
• STOP mode:
In this mode, oscillation of the main system clock is stopped. All the operations
performed on the main system clock are suspended, and only the subsystem
clock is used for extremely small power consumption.
8.
EEPROM Function
The µPD780949 incorporates not only a 2016 byte x 8-bit RAM but also 256 byte x 8-bit EEPROM
(Electrically Erasable PROM) as data memory.
EEPROM, unlike static RAM, can retain its contents when the power is turned off. Unlike EPROM,
it‘s contents can electrically be erased without using ultraviolet rays. EEPROM is manipulated by
8-bit memory manipulation instructions.
10. Reset Function
There are the following two reset methods.
• External reset input by RESET pin
• Internal reset by watchdog timer runaway time detection
Main System Clock Operation
Subsystem Clock Operation
Note
Interrupt
request
STOP
instruction
STOP Mode
(Oscillation of the main system
clock is stopped.)
Interrupt
request
Interrupt
request
HALT instruction
HALT Mode
(Supply of clock to CPU is
stopped although clock
is generated.)
HALT instruction
HALT Mode
Note
(Supply of clock to CPU is
stopped although clock
is generated.)
CSS = 1
CSS = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com