Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD780949 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # UPD780949
Description  MOS INTEGRATED CIRCUIT
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD780949 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button UPD780949 Datasheet HTML 49Page - Renesas Technology Corp UPD780949 Datasheet HTML 50Page - Renesas Technology Corp UPD780949 Datasheet HTML 51Page - Renesas Technology Corp UPD780949 Datasheet HTML 52Page - Renesas Technology Corp UPD780949 Datasheet HTML 53Page - Renesas Technology Corp UPD780949 Datasheet HTML 54Page - Renesas Technology Corp UPD780949 Datasheet HTML 55Page - Renesas Technology Corp UPD780949 Datasheet HTML 56Page - Renesas Technology Corp UPD780949 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 69 page
background image
53
µPD780949(A)
(3) Serial Interface (TA = -40 to +85° C, VDD = 4.0. to 5.5 V)
Note:
C is the load capacitance of SO0, SCK0 output line
Note:
C is the load capacitance of SO0, SCK0 output line.
Table 12-12: 3-wire serial I/O mode (SCK0... Internal clock output)
Table 12-13: 3-wire serial I/O mode (SCK0... External clock output)
Parameter
Symbol
Conditions
MIN.
MAX.
Unit
SCK0 cycle time
tKCY1
1000
SCK0 high/low-level width
tKH1, tKL1
tKCY1
/2 - 50
SI0 setup time ( to SCK0)
↑
tSIK1
100
SI0 hold time (from SCK0)
↑
tKSI1
400
SO0 output delay time (from SCK0)
↓
tKSO1
C = 100 pF
Note
300
ns
Parameter
Symbol
Conditions
MIN.
MAX.
Unit
SCK0 cycle time
tKSO1
800
SCK0 high/low-level width
tKH1, tKL1
400
SI0 setup time ( to SCK0)
↑
tSIK1
100
SI0 hold time (from SCK0)
↑
tKSI1
400
SO0 output delay time (from SCK0)
↓
tKSO1
C = 100 pF
Note
300
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com