Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD780949 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # UPD780949
Description  MOS INTEGRATED CIRCUIT
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD780949 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button UPD780949 Datasheet HTML 45Page - Renesas Technology Corp UPD780949 Datasheet HTML 46Page - Renesas Technology Corp UPD780949 Datasheet HTML 47Page - Renesas Technology Corp UPD780949 Datasheet HTML 48Page - Renesas Technology Corp UPD780949 Datasheet HTML 49Page - Renesas Technology Corp UPD780949 Datasheet HTML 50Page - Renesas Technology Corp UPD780949 Datasheet HTML 51Page - Renesas Technology Corp UPD780949 Datasheet HTML 52Page - Renesas Technology Corp UPD780949 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 69 page
background image
49
µPD780949(A)
DC Characteristics (TA = -40 to +85° C, VDD = 4.0 to 5.5 V)
Mask ROM Version
Note:
The AVDD/AVREF current, port current (including a current flowing in the on-chip pull-up
resistor) and the LCD split resistors are not included.
Remarks:
1. fX: Main system clock oscillator frequency.
2. fXT: Subsystem clock oscillator frequency.
Table 12-6: DC Characteristics Mask ROM Version
DC Characteristics (TA = -10 to +85° C, VDD = 4.0 to 5.5 V)
LCD C/D Static Method
Note:
The voltage deviation is the difference from the output voltage corresponding to the ideal value
of the segment and common outputs (VLCDN; n = 0, 1, 2).
Table 12-7: DC Characteristics Static Method
Parameter
Symbol
Conditions
MIN
TYP
MAX
Unit
IDD1
8.0 MHz crystal oscillation
operating mode (PCC = 00H)
9.5
tbd
mA
IDD2
8.0 MHz crystal oscillation
HALT mode
1.2
tbd
mA
IDD3
RC oscillation operating mode
(fxT = 40 kHz)
180
tbd
µA
IDD4
RC oscillation HALT mode
(fxT = 40 kHz)
60
tbd
µA
Power supply
Note
current
IDD5
CL1 = VDD
STOP mode
1
tbd
µA
Parameter
Symbol
Test Conditions
MIN
TYP
MAX.
Unit
LCD drive voltage
VLCD
3.0
VDD
V
LCD split resistor
RLCD
515
45
k
Ω
LCD output voltage
deviation
Note
(common)
VODC
IO = ± 5 µA
0
±0.2
LCD output voltage
deviation
Note
(segment)
VODS
IO = ± 1 µA
3.0 V
≤ VLCD ≤ VDD
VLCD0 = VLCD
0±0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com