Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD780949 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # UPD780949
Description  MOS INTEGRATED CIRCUIT
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD780949 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button UPD780949 Datasheet HTML 5Page - Renesas Technology Corp UPD780949 Datasheet HTML 6Page - Renesas Technology Corp UPD780949 Datasheet HTML 7Page - Renesas Technology Corp UPD780949 Datasheet HTML 8Page - Renesas Technology Corp UPD780949 Datasheet HTML 9Page - Renesas Technology Corp UPD780949 Datasheet HTML 10Page - Renesas Technology Corp UPD780949 Datasheet HTML 11Page - Renesas Technology Corp UPD780949 Datasheet HTML 12Page - Renesas Technology Corp UPD780949 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 69 page
background image
9
µPD780949(A)
Table 3-1
: Pin Input/Output Types (2/2)
Input /
Output
Pin Name
Function
Alternate
Function
After
Reset
Input/
Output
P70-P77
Port 7
8 bit input / output port
Input / output mode can be specified bit-wise
A pull-up resistor can be connected by software
This port can be used as a segment signal output port
or an I/O port in 1 bit units by setting port function.
S31-S24
Input
Input/
Output
P120-P127
Port 12
8 bit input / output port
Input / output mode can be specified bit-wise
This port can be used as a segment signal output port
or an I/O port in 8 bit units by setting the port function.
S23-S16
Input
Input/
Output
P130-P137
Port 13
8 bit input / output port
Input / output mode can be specified bit-wise
If used as an input port, a pull-up resistor can be
connected by software
This port can be used as a segment signal output port
or an I/O port in 8 bit units by setting the port function.
S15-S8
Input
Input/
Output
P140-P147
Port 14
8 bit input / output port
Input / output mode can be specified bit-wise
This port can be used as a segment signal output port
or an I/O port in 8 bit units by setting the port function.
S7-S0
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com