Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD780949 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPD780949
Description  MOS INTEGRATED CIRCUIT
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD780949 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button UPD780949 Datasheet HTML 4Page - Renesas Technology Corp UPD780949 Datasheet HTML 5Page - Renesas Technology Corp UPD780949 Datasheet HTML 6Page - Renesas Technology Corp UPD780949 Datasheet HTML 7Page - Renesas Technology Corp UPD780949 Datasheet HTML 8Page - Renesas Technology Corp UPD780949 Datasheet HTML 9Page - Renesas Technology Corp UPD780949 Datasheet HTML 10Page - Renesas Technology Corp UPD780949 Datasheet HTML 11Page - Renesas Technology Corp UPD780949 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 69 page
background image
8
µPD780949(A)
3.
Pin Functions
3.1 Normal Operating Mode Pins / Pin Input/Output Types
Table 3-1: Pin Input/Output Types (1/2)
Input /
Output
Pin
Name
Function
Alternate
Function
After
Reset
P00
INTP0
Input
P01
INTP1
Input
P02
INTP2
Input
P03
INTP3/T2P0
Input
P04
INTP4/TI01
Input
P05
TI00/TO0
Input
P06
TI50/TO50
Input
Input /
Output
P07
Port 0
8 bit input / output port
Input / output mode can be specified bit-wise
A pull-up resistor can be connected by software bit-
wise.
TI51/TO51
Input
Input
P10-P17
Port 1
8 bit input port
Input mode can be specified bit-wise.
ANI0-ANI7
Input
P20
SI0
Input
P21
SO0
Input
P22
/SCK0
Input
P23
SI/SO1
Input
P24
/SCK1
Input
P25
RxD
Input
Input /
Output
P26
Port 2
7 bit input/output port
Input / output mode can be specified bit-wise.
TxD
Input
P30
TI20
Input
P31
TI21
Input
P32
TI22
Input
P33
PCL/SGOA
Input
Input /
Output
P34
Port 3
5 bit input / output port
Input / output mode can be specified bit-wise
A pull-up resistor can be connected by software bit-
wise.
SGO/SGOF
Input
Input/
Output
P40-P47
Port 4
8 bit input / output port
Input / output mode can be specified bit-wise
If used as an input port, a pull-up resistor can be
connected by software.
AD0-AD7
Input
Input/
Output
P50-P57
Port 5
8 bit input / output port
Input / output mode can be specified bit-wise
This port can be used in External Memory
Expansion Mode with the 4, 6 or 8 bit address by
setting the Memory Expansion Mode Register
Not for external memory expansion used ports can
be used either for LCD or port function.
A8/S39-A15/S32
Input
P64
/RD
Input
P65
/WR
Input
Input /
Output
P67
Port 6
3 bit input / output port
input / output mode can be specified bit-wise.
ASTB
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com