Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD780949 Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # UPD780949
Description  MOS INTEGRATED CIRCUIT
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD780949 Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button UPD780949 Datasheet HTML 46Page - Renesas Technology Corp UPD780949 Datasheet HTML 47Page - Renesas Technology Corp UPD780949 Datasheet HTML 48Page - Renesas Technology Corp UPD780949 Datasheet HTML 49Page - Renesas Technology Corp UPD780949 Datasheet HTML 50Page - Renesas Technology Corp UPD780949 Datasheet HTML 51Page - Renesas Technology Corp UPD780949 Datasheet HTML 52Page - Renesas Technology Corp UPD780949 Datasheet HTML 53Page - Renesas Technology Corp UPD780949 Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 69 page
background image
50
µPD780949(A)
LCD C/D 1/2 BIas Method
Note:
The voltage deviation is the difference from the output voltage corresponding to the ideal value
of the segment and common outputs (VLCDN; n = 0, 1, 2).
Table 12-8: DC Characteristics 1/2 Bias Method
Parameter
Symbol
Test Conditions
MIN
TYP
MAX.
Unit
LCD drive voltage
VLCD
3.0
VDD
V
LCD split resistor
RLCD
515
45
k
Ω
LCD output voltage
deviation
Note
(common)
VODC
IO = ± 5 µA
0
±0.2
LCD output voltage
deviation
Note
(segment)
VODS
IO = ± 1 µA
3.0 V
≤ VLCD ≤ VDD
VLCD0 = VLCD
VLCD1 = VLCD x 1/2
VLCD2 = VLCD x 1/2
0±0.2
V
LCD C/D 1/3 Bias Method
Note:
The voltage deviation is the difference from the output voltage corresponding to the ideal value
of the segment and common outputs (VLCDN; n = 0, 1, 2).
Table 12-9: DC Characteristics 1/3 Bias Method
Parameter
Symbol
Test Conditions
MIN
TYP
MAX.
Unit
LCD drive voltage
VLCD
3.0
VDD
V
LCD split resistor
RLCD
515
45
k
Ω
LCD output voltage
deviation
Note
(common)
VODC
IO = ± 5 µA
0
±0.2
LCD output voltage
deviation
Note
(segment)
VODS
IO = ± 1 µA
3.0 V
≤ VLCD ≤ VDD
VLCD0 = VLCD
VLCD1 = VLCD x 2/3
VLCD2 = VLCD x 1/3
0±0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com