Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56367 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # DSP56367
Description  24-Bit Audio Digital Signal Processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56367 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button DSP56367 Datasheet HTML 22Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 23Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 100 page
background image
Thermal Characteristics
DSP56367 Technical Data, Rev. 2.1
3-2
Freescale Semiconductor
3.3
Thermal Characteristics
Table 3-1 Maximum Ratings
Rating1
Symbol
Value1, 2
1 GND = 0 V, VCCP, VCCQL = 1.8 V ±5%, TJ = –40×C to +95×C, CL = 50 pF
All other VCC = 3.3 V ± 5%, TJ = –40×C to +95×C, CL = 50 pF
2 Absolute maximum ratings are stress ratings only, and functional operation at the maximum is not guaranteed. Stress beyond
the maximum rating may affect device reliability or cause permanent damage to the device.
Unit
Supply Voltage
VCCQL, VCCP
−0.3 to + 2.0
V
VCCQH, VCCA, VCCD,
VCCC, VCCH, VCCS,
−0.3 to + 4.0
V
All “3.3V tolerant” input voltages
VIN
GND
− 0.3 to V
CC + 0.7
V
Current drain per pin excluding VCC and GND
I
10
mA
Operating temperature range3
3 Temperatures below -0°C are qualified for consumer applications.
TJ
−40 to + 95
°C
Storage temperature
TSTG
−55 to +125
°C
Table 3-2 Thermal Characteristics
Characteristic
Symbol
TQFP Value
Unit
Natural Convection, Junction-to-ambient thermal resistance1,2
1 Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site
(board) temperature, ambient temperature, air flow, power dissipation of other components on the board, and board
thermal resistance.
2 Per SEMI G38-87 and JEDEC JESD51-2 with the single layer board horizontal.
RθJA or θJA
45.0
°C/W
Junction-to-case thermal resistance3
3 Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883
Method 1012.1).
RθJC or θJC
10.0
°C/W
Natural Convection, Thermal characterization parameter4
4 Thermal characterization parameter indicating the temperature difference between package top and the junction
temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization parameter is
written as Psi-JT.
ΨJT
3.0
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com