Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56367 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # DSP56367
Description  24-Bit Audio Digital Signal Processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56367 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button DSP56367 Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 36Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 37Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 38Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 39Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 100 page
background image
External Memory Expansion Port (Port A)
DSP56367 Technical Data, Rev. 2.1
3-12
Freescale Semiconductor
Figure 3-7 Recovery from Stop State Using IRQA Interrupt Service
Figure 3-8 External Memory Access (DMA Source) Timing
3.10
External Memory Expansion Port (Port A)
3.10.1
SRAM Timing
Table 3-8 SRAM Read and Write Accesses
No.
Characteristics
Symbol
Expression1
150 MHz
Unit
Min
Max
100
Address valid and AA assertion pulse width
tRC, tWC (WS + 2) × TC − 4.0 [2 ≤ WS ≤ 7]
(WS + 3)
× TC − 4.0 [WS ≥ 8]
22.7
69.3
—
—
ns
ns
101
Address and AA valid to WR assertion
tAS
0.75
× TC − 2.0[2 ≤ WS ≤ 3]
1.25
× TC − 2.0[WS ≥ 4]
3.0
6.3
—
—
ns
ns
102
WR assertion pulse width
tWP
WS
× TC − 4.0 [2 ≤ WS ≤ 3]
(WS
− 0.5) × TC − 4.0[WS ≥ 4]
9.3
19.3
—
—
ns
ns
103
WR deassertion to address not valid
tWR
1.25
× TC − 4.0[2 ≤ WS ≤ 7]
2.25
× TC − 4.0[WS ≥ 8]
4.3
11.0
—
—
ns
ns
IRQA
A0–A17
First IRQA Interrupt Instruction Fetch
26
25
AA0467
29
DMA Source Address
First Interrupt Instruction Execution
A0–A17
RD
WR
IRQA, IRQB,
IRQC, IRQD,
NMI
AA1104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com