Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56367 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # DSP56367
Description  24-Bit Audio Digital Signal Processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56367 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button DSP56367 Datasheet HTML 23Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 100 page
background image
DC Electrical Characteristics
DSP56367 Technical Data, Rev. 2.1
Freescale Semiconductor
3-3
3.4
DC Electrical Characteristics
Table 3-3 DC Electrical Characteristics1
1 V
CCQL = 1.8 V ± 5%, TJ = –40°C to +95°C, CL = 50 pF
All other VCC = 3.3 V ± 5%, T
J = –40°C to +95°C, CL = 50 pF
Characteristics
Symbol
Min
Typ
Max
Unit
Supply voltages
• Core (VCCQL)
•PLL(VCCP)
VCC
1.71
1.8
1.89
V
Supply voltages
•VCCQH
•VCCA
•VCCD
•VCCC
•VCCH
•VCCS
VCC
3.14
3.3
3.46
V
Input high voltage
• D(0:23), BG, BB, TA, ESAI_1 (except SDO4_1)
•MOD2/IRQ2, RESET, PINIT/NMI and all
JTAG/ESAI_1/Timer/HDI08/DAX/(only SDO4_1)/SHI(SPI mode)
•SHI(I2C mode)
• EXTAL
2 Refers to MODA/IRQA, MODB/IRQB, MODC/IRQC, and MODD/IRQD pins.
VIH
VIHP
VIHP
VIHX
2.0
2.0
1.5
0.8
× VCCQH
—
—
—
—
VCCQH
VCCQH + 03 max
for both VIHP
VCCQH + 03 max
for both VIHP
0.8
× VCCQH
V
Input low voltage
• D(0:23), BG, BB, TA, ESAI_1(except SDO4_1)
• MOD2/IRQ2, RESET, PINIT/NMI and all
JTAG/ESAI/Timer/HDI08/DAX/ESAI_1(only SDO4_1)/SHI(SPI mode)
•SHI(I2C mode)
• EXTAL
VIL
VILP
VILP
VILX
–0.3
–0.3
–0.3
–0.3
—
—
—
—
0.8
0.8
0.3 x VCC
0.2 x VCCQH
V
Input leakage current
IIN
–10
—
10
µA
High impedance (off-state) input current (@ 2.4 V / 0.4 V)
ITSI
–10
—
10
µA
Output high voltage3
VOH
2.4
—
—
V
Output low voltage3
VOL
——
0.4
V
Internal supply current4 at internal clock of 150MHz
• In Normal mode
• In Wait mode
• In Stop mode5
ICCI
ICCW
ICCS
—
—
—
58.0
7.3
2.0
115
20
4
mA
PLL supply current
—
1
2.5
mA
Input capacitance6
CIN
—
—
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com