Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56367 Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # DSP56367
Description  24-Bit Audio Digital Signal Processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56367 Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button DSP56367 Datasheet HTML 36Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 37Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 38Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 39Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 40Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 41Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 42Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56367 Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 100 page
background image
External Memory Expansion Port (Port A)
DSP56367 Technical Data, Rev. 2.1
3-16
Freescale Semiconductor
Table 3-9
DRAM Page Mode Timings, Three Wait States1, 2, 3
No.
Characteristics
Symbol
Expression4
100 MHz
Unit
Min
Max
131
Page mode cycle time for two consecutive accesses of the same
direction
Page mode cycle time for mixed (read and write) accesses
tPC
2
× TC
1.25
× TC
20.0
12.5
—
—
ns
132
CAS assertion to data valid (read)
tCAC
2
× TC − 7.0
—
13.0
ns
133
Column address valid to data valid (read)
tAA
3
× TC − 7.0
—
23.0
ns
134
CAS deassertion to data not valid (read hold time)
tOFF
0.0
—
ns
135
Last CAS assertion to RAS deassertion
tRSH
2.5
× TC − 4.0
21.0
—
ns
136
Previous CAS deassertion to RAS deassertion
tRHCP
4.5
× TC − 4.0
41.0
—
ns
137
CAS assertion pulse width
tCAS
2
× TC − 4.0
16.0
—
ns
138
Last CAS deassertion to RAS assertion5
• BRW[1:0] = 00, 01— not applicable
• BRW[1:0] = 10
• BRW[1:0] = 11
tCRP
4.75
× TC − 6.0
6.75
× TC − 6.0
41.5
61.5
—
—
ns
139
CAS deassertion pulse width
tCP
1.5
× TC − 4.0
11.0
—
ns
140
Column address valid to CAS assertion
tASC
TC − 4.0
6.0
—
ns
141
CAS assertion to column address not valid
tCAH
2.5
× TC − 4.0
21.0
—
ns
142
Last column address valid to RAS deassertion
tRAL
4
× TC − 4.0
36.0
—
ns
143
WR deassertion to CAS assertion
tRCS
1.25
× TC − 4.0
8.5
—
ns
144
CAS deassertion to WR assertion
tRCH
0.75
× TC − 4.0
3.5
—
ns
145
CAS assertion to WR deassertion
tWCH
2.25
× TC − 4.2 18.3
—
ns
146
WR assertion pulse width
tWP
3.5
× TC − 4.5
30.5
—
ns
147
Last WR assertion to RAS deassertion
tRWL
3.75
× TC − 4.3 33.2
—
ns
148
WR assertion to CAS deassertion
tCWL
3.25
× TC − 4.3 28.2
—
ns
149
Data valid to CAS assertion (write)
tDS
0.5
× TC − 4.0
1.0
—
ns
150
CAS assertion to data not valid (write)
tDH
2.5
× TC − 4.0
21.0
—
ns
151
WR assertion to CAS assertion
tWCS
1.25
× TC − 4.3
8.2
—
ns
152
Last RD assertion to RAS deassertion
tROH
3.5
× TC − 4.0
31.0
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com