Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2504 Datasheet(PDF) 28 Page - SMSC Corporation

Part # USB2504
Description  Integrated USB 2.0 Compatible 4-Port Hub
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2504 Datasheet(HTML) 28 Page - SMSC Corporation

Back Button USB2504_06 Datasheet HTML 24Page - SMSC Corporation USB2504_06 Datasheet HTML 25Page - SMSC Corporation USB2504_06 Datasheet HTML 26Page - SMSC Corporation USB2504_06 Datasheet HTML 27Page - SMSC Corporation USB2504_06 Datasheet HTML 28Page - SMSC Corporation USB2504_06 Datasheet HTML 29Page - SMSC Corporation USB2504_06 Datasheet HTML 30Page - SMSC Corporation USB2504_06 Datasheet HTML 31Page - SMSC Corporation USB2504_06 Datasheet HTML 32Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
Integrated USB 2.0 Compatible 4-Port Hub
Datasheet
Revision 2.1 (12-06-06)
28
SMSC USB2504/USB2504A
DATASHEET
5.3.9.1
Register 00h: Status/Command (Reset = 0x00)
5.3.9.2
Register 01h: Vendor ID (LSB) (Reset = 0x00)
0Ch
R/W
Max Power (Self)
MAXPS
7
6
5
4
3
2
1
0
0Dh
R/W
Max Power (Bus)
MAXPB
7
6
5
4
3
2
1
0
0Eh
R/W
Hub Controller
Max Current (Self)
HCMCS
7
6
5
4
3
2
1
0
0Fh
R/W
Hub Controller
Max Current (bus)
HCMCB
7
6
5
4
3
2
1
0
10h
R/W
Power-on Time
PWRT
7
6
5
4
3
2
1
0
BIT
NUMBER
BIT NAME
DESCRIPTION
7:3
Reserved
Reserved. {Note: Software must never write a ‘1’ to these bits}
2
RESET
Reset the SMBus Interface and internal memory back to RESET_N assertion
default settings. {Note: During this reset, this bit is automatically cleared to
its default value of 0.}
0 = Normal Run/Idle State.
1 = Force a reset.
1
WRITE_PROT
Write Protect: The external SMBus host sets this bit after the Hub’s internal
memory is loaded with configuration data. {Note: The External SMBus Host
is responsible for verification of downloaded data.}
0 = The internal memory (address range 01-10h) is not write protected.
1 = The internal memory (address range 01-10h) is “write-protected” to
prevent unintentional data corruption.}
{Note: This bit is write once and is only cleared by assertion of the external
RESET_N pin.}
0
USB_ATTACH
USB Attach & power-down the SMBus Interface.
0 = Default; SMBus slave interface is active.
1 = Hub will signal a USB attach event to an upstream device, Note: SMBus
Slave interface will completely power down after the ACK has completed.
{Note: This bit is write once and is only cleared by assertion of the external
RESET_N pin.}
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
VID_LSB
Least Significant Byte of the Vendor ID.
Table 5.4 SMBus Slave Interface Register Map (continued)
REG
ADDR
R/W
REGISTER NAME
ABBR
BIT 7
(MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
(LSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com