Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2504 Datasheet(PDF) 41 Page - SMSC Corporation

Part # USB2504
Description  Integrated USB 2.0 Compatible 4-Port Hub
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2504 Datasheet(HTML) 41 Page - SMSC Corporation

Back Button USB2504_06 Datasheet HTML 37Page - SMSC Corporation USB2504_06 Datasheet HTML 38Page - SMSC Corporation USB2504_06 Datasheet HTML 39Page - SMSC Corporation USB2504_06 Datasheet HTML 40Page - SMSC Corporation USB2504_06 Datasheet HTML 41Page - SMSC Corporation USB2504_06 Datasheet HTML 42Page - SMSC Corporation USB2504_06 Datasheet HTML 43Page - SMSC Corporation USB2504_06 Datasheet HTML 44Page - SMSC Corporation USB2504_06 Datasheet HTML 45Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
Integrated USB 2.0 Compatible 4-Port Hub
Datasheet
SMSC USB2504/USB2504A
41
Revision 2.1 (12-06-06)
DATASHEET
Chapter 8 DC Parameters
8.1
Maximum Guaranteed Ratings
Note: Stresses above the specified parameters could cause permanent damage to the device. This
is a stress rating only and functional operation of the device at any condition above those
indicated in the operation sections of this specification is not implied. When powering this
device from laboratory or system power supplies, it is important that the Absolute Maximum
Ratings not be exceeded or device failure can result. Some power supplies exhibit voltage
spikes on their outputs when the AC power is switched on or off. In addition, voltage transients
on the AC power line may appear on the DC output. When this possibility exists, it is suggested
that a clamp circuit be used.
PARAMETER
SYMBOL
MIN
MAX
UNITS
COMMENTS
Storage
Temperature
TA
-55
150
°C
Lead
Temperature
325
°C
Soldering < 10 seconds
1.8V supply
voltage
VDDA18PLL
VDD18
-0.5
2.5
V
3.3V supply
voltage
VDDA33
VDDA33PLL
VDD33
-0.5
4.0
V
Voltage on any
I/O pin
-0.5
(3.3V supply voltage + 2)
≤ 6V
Voltage on
XTAL1
-0.5
4.0
V
Voltage on
XTAL2
-0.5
VDD18 + 0.3V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com