Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2504 Datasheet(PDF) 33 Page - SMSC Corporation

Part # USB2504
Description  Integrated USB 2.0 Compatible 4-Port Hub
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2504 Datasheet(HTML) 33 Page - SMSC Corporation

Back Button USB2504_06 Datasheet HTML 29Page - SMSC Corporation USB2504_06 Datasheet HTML 30Page - SMSC Corporation USB2504_06 Datasheet HTML 31Page - SMSC Corporation USB2504_06 Datasheet HTML 32Page - SMSC Corporation USB2504_06 Datasheet HTML 33Page - SMSC Corporation USB2504_06 Datasheet HTML 34Page - SMSC Corporation USB2504_06 Datasheet HTML 35Page - SMSC Corporation USB2504_06 Datasheet HTML 36Page - SMSC Corporation USB2504_06 Datasheet HTML 37Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
Integrated USB 2.0 Compatible 4-Port Hub
Datasheet
SMSC USB2504/USB2504A
33
Revision 2.1 (12-06-06)
DATASHEET
5.3.9.17
Register 10h: Power-On Time (Reset = 0x00)
5.3.9.18
Undefined Registers
The registers shown in Table 5.4 are the defined registers in the Hub. Reads to undefined registers
return 00h. Writes to undefined registers have no effect and do not return an error.
5.3.9.19
Reserved Registers
Unless otherwise instructed, only a ‘0’ may be written to all reserved registers or bits.
5.4
Default Configuration Option:
The SMSC Hub can be configured via its internal default configuration. (please see for specific details
on how to enable default configuration.
Please refer to Table 5.1 on page 20 for the internal default values that are loaded when this option is
selected.
5.5
Default Strapping Options:
The SMSC Hub can be configured via a combination of internal default values and pin strap options.
Please see Table 4.1, "4-Port Hub Pin Descriptions" for specific details on how to enable the
default/pin-strap configuration option.
The strapping option pins only cover a limited sub-set of the configuration options. The internal default
values will be used for the bits & registers that are not controlled by a strapping option pin. Please
refer to Table 5.1 on page 20 for the internal default values that are loaded when this option is selected.
The Amber and Green LED pins are sampled after RESET_N negation, and the logic values are used
to configure the hub if the internal default configuration mode is selected. The implementation shown
below (see Figure 5.1) shows a recommended passive scheme. When a pin is configured with a “Strap
High” configuration, the LED functions with active low signalling, and the PAD will “sink” the current
from the external supply. When a pin is configured with a “Strap Low” configuration, the LED functions
with active high signalling, and the PAD will “source” the current to the external LED.
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
POWER_ON_TIME
Power On Time: The length of time that is takes (in 2 ms intervals) from the
time the host initiated power-on sequence begins on a port until power is
good on that port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com