Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2504 Datasheet(PDF) 44 Page - SMSC Corporation

Part # USB2504
Description  Integrated USB 2.0 Compatible 4-Port Hub
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2504 Datasheet(HTML) 44 Page - SMSC Corporation

Back Button USB2504_06 Datasheet HTML 38Page - SMSC Corporation USB2504_06 Datasheet HTML 39Page - SMSC Corporation USB2504_06 Datasheet HTML 40Page - SMSC Corporation USB2504_06 Datasheet HTML 41Page - SMSC Corporation USB2504_06 Datasheet HTML 42Page - SMSC Corporation USB2504_06 Datasheet HTML 43Page - SMSC Corporation USB2504_06 Datasheet HTML 44Page - SMSC Corporation USB2504_06 Datasheet HTML 45Page - SMSC Corporation USB2504_06 Datasheet HTML 46Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
Integrated USB 2.0 Compatible 4-Port Hub
Datasheet
Revision 2.1 (12-06-06)
44
SMSC USB2504/USB2504A
DATASHEET
Notes:
1. Output leakage is measured with the current pins in high impedance.
2. See USB 2.0 Specification for USB DC electrical characteristics.
3. RBIAS is a 3.3V tolerant analog pin.
CAPACITANCE TA = 25°C; fc = 1MHz; VDD33 = 3.3V
Power Sequencing
There are no power supply sequence restrictions for the Hub. The order in which power supplies
power-up and power-down is implementation dependent.
Supply Current
Configured
(Full-Speed Host)
1 Port
2 Ports
3 Ports
4 Ports
IFCC1
IFCC2
IFCC3
IFCC4
150
155
160
165
mA
mA
mA
mA
Total from all supplies
Supply Current
Suspend
ICSBY
265
uA
Total from all supplies.
Supply Current
Reset
IRST
150
uA
Total from all supplies.
LIMITS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
TEST CONDITION
Clock Input
Capacitance
CIN
12
pF
All pins except USB pins (and pins under
test tied to AC ground)
Input Capacitance
CIN
8pF
Output Capacitance
COUT
12
pF
Table 8.1 DC Electrical Characteristics (continued)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com