Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2504 Datasheet(PDF) 45 Page - SMSC Corporation

Part # USB2504
Description  Integrated USB 2.0 Compatible 4-Port Hub
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2504 Datasheet(HTML) 45 Page - SMSC Corporation

Back Button USB2504_06 Datasheet HTML 38Page - SMSC Corporation USB2504_06 Datasheet HTML 39Page - SMSC Corporation USB2504_06 Datasheet HTML 40Page - SMSC Corporation USB2504_06 Datasheet HTML 41Page - SMSC Corporation USB2504_06 Datasheet HTML 42Page - SMSC Corporation USB2504_06 Datasheet HTML 43Page - SMSC Corporation USB2504_06 Datasheet HTML 44Page - SMSC Corporation USB2504_06 Datasheet HTML 45Page - SMSC Corporation USB2504_06 Datasheet HTML 46Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 45 / 46 page
background image
Integrated USB 2.0 Compatible 4-Port Hub
Datasheet
SMSC USB2504/USB2504A
45
Revision 2.1 (12-06-06)
DATASHEET
Chapter 9 AC Specifications
9.1
Oscillator/Clock
Crystal: Parallel Resonant, Fundamental Mode, 24 MHz
±100ppm.
External Clock: 50% Duty cycle
± 10%, 24 MHz ± 100ppm, Jitter < 100ps rms.
9.1.1
SMBus Interface:
The SMSC Hub conforms to all voltage, power, and timing characteristics and specifications as set
forth in the SMBus 1.0 Specification for Slave-Only devices (except as noted in Section 5.3).
9.1.2
I2C EEPROM:
Frequency is fixed at 59KHz
± 20%.
9.1.3
USB 2.0
The Hub conforms to all voltage, power, and timing characteristics and specifications as set forth in
the USB 2.0 Specification. Please refer to the USB Specification for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com