Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2504 Datasheet(PDF) 30 Page - SMSC Corporation

Part # USB2504
Description  Integrated USB 2.0 Compatible 4-Port Hub
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2504 Datasheet(HTML) 30 Page - SMSC Corporation

Back Button USB2504_06 Datasheet HTML 26Page - SMSC Corporation USB2504_06 Datasheet HTML 27Page - SMSC Corporation USB2504_06 Datasheet HTML 28Page - SMSC Corporation USB2504_06 Datasheet HTML 29Page - SMSC Corporation USB2504_06 Datasheet HTML 30Page - SMSC Corporation USB2504_06 Datasheet HTML 31Page - SMSC Corporation USB2504_06 Datasheet HTML 32Page - SMSC Corporation USB2504_06 Datasheet HTML 33Page - SMSC Corporation USB2504_06 Datasheet HTML 34Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
Integrated USB 2.0 Compatible 4-Port Hub
Datasheet
Revision 2.1 (12-06-06)
30
SMSC USB2504/USB2504A
DATASHEET
5.3.9.9
Register 08h: Configuration Data Byte 2 (Reset = 0x00)
5
HS_DISABLE
High Speed Disable: Disables the capability to attach as either a High/Full-
speed device, and forces attachment as Full-speed only i.e. (no High-Speed
support).
0 = High-/Full-Speed.
1 = Full-Speed-Only (High-Speed disabled!)
4
MTT_ENABLE
Multi-TT enable: Enables one transaction translator per port operation.
0 = single TT for all ports.
1 = one TT per port (multiple TT’s supported)
3
EOP_DISABLE
EOP Disable: Disables EOP generation of EOF1 when in Full-Speed mode.
0 = EOP generation is normal.
1 = EOP generation is disabled.
2:1
CURRENT_SNS
Over Current Sense: Indicates whether current sensing is on a port-by-port
basis, or ganged, or no overcurrent sensing.
00 = Ganged sensing (all ports together).
01 = Individual port-by-port.
1x = Over current sensing not supported. (must only be used with Bus-
Powered configurations!)
0
PORT_PWR
Port Power Switching: Indicates whether port power switching is on a port-
by-port basis or ganged.
0 = Ganged switching (all ports together)
1 = Individual port-by-port switching.
BIT
NUMBER
BIT NAME
DESCRIPTION
7
DYNAMIC
Dynamic Power Enable: Controls the ability for the Hub to transition to Bus-
Powered operation if the local power source is removed (can revert back to
Self-Power if local power source is restored).
0 = No Dynamic auto-switching.
1 = Dynamic Auto-switching capable.
6
Reserved
Reserved
5:4
OC_TIMER
OverCurrent Timer: Over Current Timer delay.
00 = 0.1ms
01 = 2ms
10 = 4ms
11 = 6ms
3
COMPOUND
Compound Device: Designates if Hub is part of a compound device.
0 = No.
1 = Yes, Hub is part of a compound device.
2:0
Reserved
Reserved
BIT
NUMBER
BIT NAME
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com