Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT5510WSC Datasheet(PDF) 38 Page - Richtek Technology Corporation

Part # RT5510WSC
Description  Audio Amplifier with IV Sense
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5510WSC Datasheet(HTML) 38 Page - Richtek Technology Corporation

Back Button RT5510WSC Datasheet HTML 34Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 35Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 36Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 37Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 38Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 39Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 40Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 41Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 42Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
RT5510
Copyright © 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS5510-00
October
2019
38
Address Byte
Bits
Bits Name
Default
Type
Description
0x04
1
7
IF_WDT_EN
1
R/W
0 : Watchdog interrupt disable
1 : Watchdog interrupt enable (default)
6
IF_BCK_STABLE_EN
1
R/W
0 : BCK un-stable interrupt disable
1 : BCK un-stable interrupt enable
(default)
5
IF_PLL_LOCK_EN
1
R/W
0 : PLL unlock interrupt disable
1 : PLL unlock interrupt enable
(default)
4
IF_UV_EN
1
R/W
0 : Under-voltage interrupt disable
1 : Under-voltage interrupt
enable(default)
3
IF_OV_EN
1
R/W
0 : Over-voltage interrupt disable
1 : Over-voltage interrupt enable
(default)
2
IF_OCP_EN
1
R/W
0 : AMP NMOS or PMOS over-current
interrupt disable
1 : AMP NMOS or PMOS over-current
interrupt enable (default)
1
IF_BST_OC_EN
1
R/W
0 : Boost over-current interrupt disable
1 : Boost over-current interrupt enable
(default)
0
IF_OT_EN
1
R/W
0 : Over-temperature interrupt disable
1 : Over-temperature interrupt enable
(default)
0x05
1
7
IF_WDT
0
R/W1C
Watchdog interrupt flag, write 1 to
clear
0 : Chip operating mode (default)
1 : Interrupt flag = 1, WDT invalid
6
IF_BCK_STABLE
0
R/C
BCK un-stable interrupt flag
0 : Chip operating mode (default)
1 : Interrupt flag = 1, BCK un-stable
5
IF_PLL_LOCK
0
R/C
PLL unlock interrupt flag
0 : Chip operating mode (default)
1 : Interrupt flag = 1, PLL unlock
4
IF_UV
0
R/C
Under-voltage interrupt flag
0 : Chip operating mode (default)
1 : Interrupt flag = 1, protection occurs
3
IF_OV
0
R/C
Over-voltage interrupt flag
0 : Chip operating mode (default)
1 : Interrupt flag = 1, protection occurs
2
IF_OCP
0
R/C
AMP NMOS or PMOS over-current
interrupt flag
0 : Chip operating mode (default)
1 : Interrupt flag = 1, protection occurs
1
IF_BST_OC
0
R/C
Boost over-current interrupt flag
0 : Chip operating mode (default)
1 : Interrupt flag = 1, protection occurs
0
IF_OT
0
R/C
Over-temperature interrupt flag
0 : Chip operating mode (default)
1 : Interrupt flag = 1, protection occurs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com