Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT5510WSC Datasheet(PDF) 50 Page - Richtek Technology Corporation

Part # RT5510WSC
Description  Audio Amplifier with IV Sense
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5510WSC Datasheet(HTML) 50 Page - Richtek Technology Corporation

Back Button RT5510WSC Datasheet HTML 44Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 45Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 46Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 47Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 48Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 49Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 50Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 51Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 52Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 50 / 52 page
background image
RT5510
Copyright © 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS5510-00
October
2019
50
Address Byte
Bits
Bits Name
Default
Type
Description
0xA3
1
7:5
D_SPK_BOOST[2:0]
101
R/W
Class-D gain control [000:110] = 0 to
18dB, 3dB per step
000 : 0dB
001 : 3dB
010 : 6dB
011 : 9dB
100 : 12dB
101 : 15dB (default)
110 : 18dB
Others : Reserved
4
Reserved
0
R
Reserved
3
D_CSADC_EN
1
R/W
Current sense ADC
0 : Disable
1 : Enable (default)
2
D_VSADC_EN
0
R/W
Voltage sense ADC
0 : Disable (default)
1 : Enable
1
D_SPK_DC_TRACE_
EN
1
R/W
SPK DC-TRACE enable
0 : Disable
1 : Enable (default)
0
D_EN_TRIWAVE
1
R/W
Enable triangle wave generator
0 : Disable
1 : Enable (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com