Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT5510WSC Datasheet(PDF) 49 Page - Richtek Technology Corporation

Part # RT5510WSC
Description  Audio Amplifier with IV Sense
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5510WSC Datasheet(HTML) 49 Page - Richtek Technology Corporation

Back Button RT5510WSC Datasheet HTML 44Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 45Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 46Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 47Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 48Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 49Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 50Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 51Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 52Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
RT5510
Copyright © 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS5510-00
October
2019
www.richtek.com
49
Address Byte
Bits
Bits Name
Default
Type
Description
0x47
2
15:9
Reserved
0000000
R
Reserved
8:0
VPTAT
000000000
R
VPTAT code (DEC) = Chip
temperature (°C) + 273°C
e.g. VPTAT code = 100101010,
VPTAT code (DEC) = 298, chip
temperature = 25°C
0x48
1
7:0
VBAT
00000000
R
Battery voltage (V) = VBAT code
(DEC) / 40
e.g. 10100000 = 160 (DEC),
Battery voltage = 160 / 40 = 4V
0x68
1
7:5
Reserved
000
R
Reserved
4
Time out_disable
0
R/W
0 : Enter DRE if timeout to find zero
crossing (default)
1 : Not enter DRE if timeout to find
zero crossing
3
DRE_method_sel
0
R/W
0 : Enter DRE at zero crossing
(default)
1 : Enter DRE if signal < threshold
2:1
DRE_HOLD_SEL
10
R/W
Hold time before entering DRE
00 : 16ms
01 : 32ms
10 : 64ms (default)
11 : 128ms
0
DRE_EN
1
R/W
0 : Disable DRE
1 : Enable DRE (default)
0x69
1
7:0
DRE_THDMODE
01000000
R/W
Threshold = 20log (DRE_THDMODE
(DEC) × 2 ^ (
11)), DRE_THDMODE=
30.1dB (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com