Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT5510WSC Datasheet(PDF) 39 Page - Richtek Technology Corporation

Part # RT5510WSC
Description  Audio Amplifier with IV Sense
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5510WSC Datasheet(HTML) 39 Page - Richtek Technology Corporation

Back Button RT5510WSC Datasheet HTML 35Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 36Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 37Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 38Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 39Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 40Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 41Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 42Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 43Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
RT5510
Copyright © 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS5510-00
October
2019
www.richtek.com
39
Address Byte
Bits
Bits Name
Default
Type
Description
0x06
1
7:0
CRC8
00000000
R/W
I2C write data checksum
0x09
1
7:6
Reserved
00
R
Reserved
5
D_UVP_FLAG
0
R
Battery voltage under threshold
0 : Normal (default)
1 : Over threshold, protection occurs
4
D_OVP_FLAG
0
R
Class-D amplifier supply voltage
(VDDP) over threshold
0 : Normal (default)
1 : Over threshold, protection occurs
3
OCPP_FLAG
0
R
Class-D output stage high-side OC
flag
0 : Normal (default)
1 : Over threshold, protection occurs
2
OCPN_FLAG
0
R
Class-D output stage low-side OC flag
0 : Normal (default)
1 : Over threshold, protection occurs
1
D_OCP_FLAG
0
R
Boost Converter current over
threshold
0 : Normal (default)
1 : Over threshold, protection occurs
0
D_OTP_FLAG
0
R
Class-D amplifier temperature over
threshold
0 : Normal (default)
1 : Over threshold, protection occurs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com