Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT5510WSC Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT5510WSC
Description  Audio Amplifier with IV Sense
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5510WSC Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT5510WSC Datasheet HTML 17Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 18Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 19Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 20Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 21Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 22Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 23Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 24Page - Richtek Technology Corporation RT5510WSC Datasheet HTML 25Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
RT5510
Copyright © 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS5510-00
October
2019
www.richtek.com
21
VMON[15:4], IMON[15:4], 8'h0
[Hi-Z[31:0]
IMON[15:0], VTEMP[7:0], VBAT[7:0]
DAC_BIQ[23:0], 8'h0
I
2
S DO
interface
I
2
SDOR
I
2
SDOL
I
2
SDOLS
[Hi-Z[31:0]
VON[15:4], IMON[15:4], 8'h0
VMON[15:0], SPKPROT_GAIN[15:0]
DC_CUT_DATA[25:0], 8
’h0
I
2
SDORS
DATAO
Figure 12. I2S Output Mux
When two smart PA is connected and TDM mode is used. At this mode, the frame length should be set to 128bit.
The SDI signal is only 16bit available for each channel. The minimum LRCK length is 2 BCK length.
The sequence is shown as below :
BCK
DATAI
LRCK
Device0 Data = 64bit
Frame Lengh = 128bit
Audio Data = 128bit
DATAO
Device0 VMON
Device0 IMON
Device0 IF, VBAT
Device0
SPKPROT_GAIN
Device0 VTEMP
Figure 13. One Smart PA TDM Standard Format
The TDM_TX_LOC register indicates the starting slot to put the data stream on SDOUT pin and the TDM_TX_LEN
whose unit is byte (slot) determines how many bytes will be transmitted. Please refer to the TX Data Structuring in
I2S Mode section.
BCK
DATAI
LRCK
Device0 Data = 64bit
Device1 Data = 64bit
Frame Lengh = 256bit
Audio Data = 256bit
DATAO
VMON
IMON
IF,
VBAT
SPKPROT_
GAIN
Device0 DO
Device1 DO
VMON
IMON
IF,
VBAT
SPKPROT_
GAIN
Figure 14. Two Smart PA TDM Standard Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com