Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT6160AWSC Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT6160AWSC
Description  Low Quiescent, High Efficiency 3A Buck-Boost Converter with I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6160AWSC Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT6160AWSC Datasheet HTML 1Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 2Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 3Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 4Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 5Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 6Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 7Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 8Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
RT6160A
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS6160A-02
July 2023
4
When VIN > VOUT, the device switches like a buck
converter. In steady-state buck-mode operation. The
on-time one-shot turns on the high-side switch S1 (S4
keeps on) and the inductor current ramps up linearly.
After the on-time, the high-side switch S1 is turned off
and the synchronous rectifier switch S2 is turned on (S4
keeps on) and the inductor current ramps down linearly.
Boost Operation
VIN
VOUT
LX1
LX2
S1 (A)
S2 (B)
S4 (D)
S3 (C)
AC
AD
Buck - Boost
Figure 2. Boost Operation
When VIN < VOUT, the device switches like a boost
converter. In boost mode at light load condition, the
converter turns the S3 switch on (S1 keeps on) for a
constant on-time as the one-shot is triggered, and the
inductor current ramps up linearly. After the on-time, the
S3 switch is turned off, and the synchronous rectifier
switch S4 is turned on for a certain time (S1 keeps on)
and the inductor current ramps down linearly. The S4
will turn off when inductor current drop zero. As the
loading current increases and the device operates in
continuous-conduction
mode
(CCM).
When
the
feedback signal is less than the reference, the device
turns switch S3 on (S1 keeps on) after the off-time one-
shot is cleared and the inductor current ramps up
linearly. Then the off-time one-shot turns S4 on (S1
keeps on) and the inductor current ramps down linearly.
Buck-Boost Operation
AD
BD
AC
B
uc
k
Figure 3. Buck-Boost Operation
When
VIN
≈ VOUT, all four transistors switch
continuously, the device operates in buck-boost mode.
In buck-boost mode at light-load condition, the device
turns switches S1 and S3 on, and the inductor current
increases linearly before reaching target peak-current
level. When inductor current reaches peak-current level,
the S1 and S4 are turned on for a constant time and the
inductor current decreases linearly, and then the S2 and
S4 switches are turned on to make sure the inductor will
decrease to zero level. At light-load condition, the
frequency increases as the loading increases. After the
loading current is large enough, the converter will
escape
boundary-conduction
mode
and
enter
continuous-conduction mode. Furthermore, when VIN is
close to VOUT in CCM, the switching frequency will
decrease to half of the nominal switching frequency and
the device will keep output voltage well-tracking as the
target VOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com