Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT6160AWSC Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT6160AWSC
Description  Low Quiescent, High Efficiency 3A Buck-Boost Converter with I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6160AWSC Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT6160AWSC Datasheet HTML 3Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 4Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 5Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 6Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 7Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 8Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 9Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 10Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
RT6160A
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS6160A-02
July 2023
www.richtek.com
7
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Efficiency
Eff
VIN = 3.3V, VOUT = 3.3V,
IOUT = 0.1A, L = 0.47
H,
CIN = 10
F, COUT = 44F,
Auto PFM operation
--
95
--
%
VIN = 3.3V, VOUT = 3.3V,
IOUT = 1A, L = 0.47
H,
CIN = 10
F, COUT = 44F,
Forced PWM operation
--
94
--
VIN = 3.8V, VOUT = 3.3V,
IOUT = 0.1A, L = 0.47
H,
CIN = 10
F, COUT = 44F,
Auto PFM operation
--
94
--
VIN = 3.8V, VOUT = 3.3V,
IOUT = 1A, L = 0.47
H,
CIN = 10
F, COUT = 44F,
Forced PWM operation
--
95
--
Output Ripple Voltage
VOUT_RIPPLE
VIN = 3.3V, VOUT = 3.3V,
IOUT = 0.1A, L = 0.47
H,
CIN = 10
F, COUT = 44F,
Auto PFM operation
(Note 6)
--
50
--
mV
VIN = 3.3V, VOUT = 3.3V,
IOUT = 1A, L = 0.47
H,
CIN = 10
F, COUT = 44F,
Forced PWM operation
(Note 6)
--
20
--
VIN = 3.8V, VOUT = 3.3V,
IOUT = 0.1A, L = 0.47
H,
CIN = 10
F, COUT = 44F,
Auto PFM operation
(Note 6)
--
25
--
VIN = 3.8V, VOUT = 3.3V,
IOUT = 1A, L = 0.47
H,
CIN = 10
F, COUT = 44F,
Forced PWM operation
(Note 6)
--
10
--
Load Transient Response
VOUT_LOAD_
TRANSIENT
VIN = 3.8V, VOUT = 3.3V,
IOUT = 0.05A to 1A, tR = tF =
1
s
(Note 6)
−100
--
100
mV
VIN = 3.8V, VOUT = 3.3V,
IOUT = 0.05A to 0.5A, tR = tF
= 1
s
(Note 6)
−50
--
50
Line Transient Response
VOUT_LINE_
TRANSIENT
IOUT = 1A, VIN = 3V to 3.6V
to 3V, tR = tF = 10
s
(Note 6)
−50
--
50
mV
Switching Frequency
fSW
Boost or Buck operation
--
2.2
--
MHz
Switching Frequency Range
fSW_RANGE
Forced PWM operation,
IOUT = 100mA
0.5
--
3
MHz
Switching Frequency at Ultra-
Sonic Mode
fSW_USC
IOUT = 1mA
30
--
--
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com