Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT6160AWSC Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT6160AWSC
Description  Low Quiescent, High Efficiency 3A Buck-Boost Converter with I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6160AWSC Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT6160AWSC Datasheet HTML 1Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 2Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 3Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 4Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 5Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 6Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 7Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 8Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
RT6160A
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS6160A-02
July 2023
www.richtek.com
5
Absolute Maximum Ratings (Note 1)
⚫
Input Voltage, VIN---------------------------------------------------------------------------------------------------
−0.3V to 6V
⚫
Output Voltage, VOUT ---------------------------------------------------------------------------------------------
−0.3V to 6.2V
⚫
Switch Node Voltage, LX1, LX2 ---------------------------------------------------------------------------------
−0.3V to 6V
<50ns-------------------------------------------------------------------------------------------------------------------
−5V to 8.5V
⚫
Other I/O Pins Voltages (EN, VSEL, SCL, SDA) ------------------------------------------------------------
−0.3V to 6V
⚫
Power Dissipation, PD @ TA = 25
C
WL-CSP-15B 1.4x2.3 (BSC) ------------------------------------------------------------------------------------- 1.88W
⚫
Package Thermal Resistance (Note 2)
WL-CSP-15B 1.4x2.3 (BSC),
JA-------------------------------------------------------------------------------- 53°C/W
⚫
Junction Temperature ---------------------------------------------------------------------------------------------- 150
C
⚫
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------ 260
C
⚫
Storage Temperature Range -------------------------------------------------------------------------------------
−65C to 150C
⚫
ESD Susceptibility
(Note 3)
HBM (Human Body Model) ---------------------------------------------------------------------------------------- 2kV
Recommended Operating Conditions (Note 4)
⚫
Input Voltage, VIN ---------------------------------------------------------------------------------------------------- 2.2V to 5.5V
⚫
Output Voltage, VOUT ----------------------------------------------------------------------------------------------- 2.025V to 5.2V
⚫
Output Current, IOUT------------------------------------------------------------------------------------------------- 0A to 3A
⚫
Input Capacitance, CIN
(Note 5) ------------------------------------------------------------------------------ 5
F (Min.)
⚫
Output Capacitance, COUT
(Note 5)-------------------------------------------------------------------------- 16
F (Min.)
⚫
Inductance, L ---------------------------------------------------------------------------------------------------------- 0.39
H to 0.56H
⚫
Ambient Temperature Range -------------------------------------------------------------------------------------
−40C to 85C
⚫
Junction Temperature Range -------------------------------------------------------------------------------------
−40C to 125C
Electrical Characteristics
(VIN = 3.6V, VOUT = 3.3V, TA = TJ = 25C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Operating Voltage
VIN
2.2
--
5.5
V
Positive-Going UVLO Threshold
Voltage
VUVLO(POS)
VIN rising
2.11
2.14
2.19
V
Negative-Going UVLO Threshold
Voltage
VUVLO(NEG)
2.02
2.05
2.08
V
UVLO Threshold Voltage
Hysteresis
VUVLO(HYS)
--
90
--
mV
Quiescent Current
IQ_SW
VEN = VIN = 3.6V, IOUT = 0A
--
2
4
A
IQ_NON-SW
VEN = VIN = 3.6V, IOUT = 0A,
not switching
--
1
2
Shutdown Current
ISHDN
VEN = 0V, VIN = 3.6V
--
0.1
1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com