Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT6160AWSC Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT6160AWSC
Description  Low Quiescent, High Efficiency 3A Buck-Boost Converter with I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6160AWSC Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT6160AWSC Datasheet HTML 1Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 2Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 3Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 4Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 5Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 6Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 7Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 8Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
RT6160A
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS6160A-02
July 2023
www.richtek.com
1
Low Quiescent, High Efficiency 3A Buck-Boost Converter
with I2C Interface
General Description
The RT6160A is a high-efficiency, single inductor,
Advanced Constant On-Time (ACOT® ) monolithic
synchronous Buck-Boost converter that can deliver up
to 3A output current from 2.2V to 5.5V and well regulate
to the digitally programmable output voltage from
2.025V to 5.2V, which is suitable for wide input supply
range applications, regardless of input voltage is lower,
higher than or even equal to the output voltage. The
ACOT®
control
architecture
features
outstanding
line/load
transient
response,
seamless
transition
between buck and boost modes, provides stable
operation with small ceramic output capacitors and
without complicated external compensation.
The RT6160A features I2C interface, which allows
programmable output voltage, ultra-sonic mode control,
soft-start
slew-rate
adjusted
and
device
status
monitoring. The target output voltage can also be
switched through external VSEL pin to perform
dynamically-voltage-scaling (DVS), and the ramp-up
slew-rate and ramp mode of DVS can also be set by
setting the related registers.
The RT6160A operates in automatic PFM and typical
2
A low quiescent current design that maintains high
efficiency during light load operation. At higher loads,
the device automatically switches to a 2.2MHz fixed
frequency control, which is easily smoothed-out he
switching ripple voltage by small package filtering
elements. And the integrated low RDS(ON) power
MOSFETs features excellent efficiency during heavy
load conditions. In shutdown mode, the supply current
is
typically
0.1
A, excellent in reducing power
consumption. PFM mode can be disabled if fixed
frequency is desired. The RT6160A is available in a
small WL-CSP-15B 1.4x2.3 (BSC) package.
Features
⚫
Automatic Seamless Mode Transition with Real
Buck, Buck-Boost and Boost Operation
⚫
Input Voltage Range : 2.2V to 5.5V
⚫
Output Voltage Range : 2.025V to 5.2V with
Digitally Programmable (25mV/steps)
⚫
Default Output Voltage Setting :
VOUT = 3.3V at VSEL = L
VOUT = 3.45V at VSEL = H
⚫
Maximum Continuous Output Current :
Up to 2.5A for VIN ≥ 2.5V, VOUT = 3.3V
Up to 3A for VIN ≥ 3V, VOUT = 3.3V
Up to 2A for VIN ≥ 3V, VOUT = 5V
⚫
Up to 95% Efficiency (VIN = 3.8V, VOUT = 3.3V,
ILOAD = 1A)
⚫
1
A Non-Switching Low Quiescent Current
⚫
I2C Interface (Up to 1MHz)
⚫
Allows Dynamically-Voltage-Scaling Control
⚫
Automatic PFM Mode and Forced PWM Mode
Selection
⚫
Ultra-Sonic Mode Operation
⚫
OCP, UVLO, OTP, OVP, UVP Protected Function
for Robustness
⚫
15-Ball WL-CSP Package
Applications
⚫
Smartphones and Tablets
⚫
Portable Devices
⚫
Wearable Devices
⚫
System Pre-Regulators
⚫
Point-of-Load Regulators
⚫
Wifi Module
⚫
USB VCONN Supplies
⚫
TWS Earbud Chargers


Similar Part No. - RT6160AWSC

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6160D RICHTEK-RT6160D Datasheet
2Mb / 32P
Low Quiescent, High Efficiency 3A Buck-Boost Converter with I2C Interface
May 2023
RT6160DWSC RICHTEK-RT6160DWSC Datasheet
2Mb / 32P
Low Quiescent, High Efficiency 3A Buck-Boost Converter with I2C Interface
May 2023
More results

Similar Description - RT6160AWSC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78213 INTERSIL-ISL78213 Datasheet
1Mb / 15P
3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
ISL78213ARZ INTERSIL-ISL78213ARZ Datasheet
1Mb / 16P
3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
May 12, 2015
logo
Richtek Technology Corp...
RT6158H RICHTEK-RT6158H Datasheet
311Kb / 12P
High Efficiency, Low Quiescent, 3A Buck-Boost Converter
logo
Renesas Technology Corp
ISL78213 RENESAS-ISL78213 Datasheet
2Mb / 17P
3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
ISL91128 RENESAS-ISL91128 Datasheet
999Kb / 17P
High Efficiency Buck-Boost Regulator with 4.5A Switches and I2C Interface
logo
Texas Instruments
TPS63810 TI1-TPS63810 Datasheet
1Mb / 41P
TPS63810 2.5-A Buck-Boost Converter with I2C Interface
TPS63810 TI1-TPS63810_V01 Datasheet
1Mb / 41P
TPS63810 2.5-A Buck-Boost Converter with I2C Interface
TLV627432 TI1-TLV627432 Datasheet
1Mb / 25P
TLV627432 High Efficiency Buck Converter with Ultra-low Quiescent Current
logo
Silicon Mitus, Inc.
SM5811 SILICONMITUS-SM5811 Datasheet
286Kb / 2P
A Very High Efficiency, Low Quiescent 2.5A Buck-Boost Converter
July 2021 Rev. 0.0.3
logo
Richtek Technology Corp...
RT6160D RICHTEK-RT6160D Datasheet
2Mb / 32P
Low Quiescent, High Efficiency 3A Buck-Boost Converter with I2C Interface
May 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com