Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT6160AWSC Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT6160AWSC
Description  Low Quiescent, High Efficiency 3A Buck-Boost Converter with I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6160AWSC Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT6160AWSC Datasheet HTML 4Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 5Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 6Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 7Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 8Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 9Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 10Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 11Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
RT6160A
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS6160A-02
July 2023
8
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Minimum On-Time
tON_MIN
20
--
60
ns
Minimum Off-Time
tOFF_MIN
20
--
60
ns
Output Voltage Rising Time
tR(SS)
Output voltage ramp to
output voltage 95%, L =
0.47
H, CIN = 10F, COUT =
44
F
--
300
1000
s
Enable Delay Time
tD(EN)
Enable pin logic-high to
output voltage ramp, L =
0.47
H, CIN = 10F, COUT =
44
F
--
220
300
s
VSEL Delay Time
tD(VSEL)
Delay between rising edge of
VSEL and start of DVS ramp
--
30
--
s
Positive-Going Under-Voltage
Threshold Voltage
UVP+
--
95
--
%
Negative-Going Under-Voltage
Threshold Voltage
UVP-
--
90
--
%
Output Voltage Dynamic Voltage
Scaling Slew Rate
DVS_SR
0x01, bit[1:0] = 00b
0.8
1
1.2
V/ms
0x01, bit[1:0] = 01b
2
2.5
3
0x01, bit[1:0] = 10b
4
5
6
0x01, bit[1:0] = 11b
8
10
12
Thermal Shutdown
TSD
(Note 6)
140
150
160
C
Thermal Shutdown Hysteresis
TSD
(Note 6)
--
20
--
C
I2C Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max Unit
Logic Output Threshold
Voltage (SCL, SDA, VSEL)
VI2COL
--
--
0.4
V
I2C Work Voltage
VI2Cint
--
1.8
--
V
Input Current Each IO Pin
IIN_I2C
−10
--
10
A
Data Set-Up Time
tDS_I2C
70
--
--
ns
SCL Clock Frequency
fCLK
Standard mode
--
--
100
kHz
Fast mode
--
--
400
Fast mode plus
--
--
1000
Bus Free Time between Stop
and Start Condition
tBUF
Standard mode
4.7
--
--
s
Fast mode
1.3
--
--
Fast mode plus
0.5
--
--
Hold Time (Repeated)
START Condition
tHD;STA
Standard mode
4.7
--
--
s
Fast mode
0.6
--
--
Fast mode plus
0.26
--
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com