Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT6160AWSC Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT6160AWSC
Description  Low Quiescent, High Efficiency 3A Buck-Boost Converter with I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6160AWSC Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT6160AWSC Datasheet HTML 5Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 6Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 7Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 8Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 9Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 10Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 11Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 12Page - Richtek Technology Corporation RT6160AWSC Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
RT6160A
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS6160A-02
July 2023
www.richtek.com
9
Parameter
Symbol
Test Conditions
Min
Typ
Max Unit
Set-Up Time for a Repeated
START Condition
tSU;STA
Standard mode
4.7
--
--
s
Fast mode
0.6
--
--
Fast mode plus
0.26
--
--
Data Hold Time
tHD;DAT
Standard mode
0.1
--
--
ns
Fast mode
0.1
--
--
Fast mode plus
0.1
--
--
Set-Up Time for STOP
Condition
tSU;STO
Standard mode
4
--
--
s
Fast mode
0.6
--
--
Fast mode plus
0.26
--
--
Data Valid Acknowledge
Time
tVD;ACK
Standard mode
--
--
3.45
s
Fast mode
--
--
0.9
Fast mode plus
--
--
0.45
SDA Set-Up Time
tSU;DAT
Standard mode
250
--
--
ns
Fast mode
100
--
--
Fast mode plus
50
--
--
Low Period of the SCL Clock tLOW
Standard mode
4.7
--
--
s
Fast mode
1.3
--
--
Fast mode plus
0.5
--
--
High Period of the SCL Clock tHIGH
Standard mode
4
--
--
s
Fast mode
0.6
--
--
Fast mode plus
0.26
--
--
Note 1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in
the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may affect
device reliability.
Note 2.
JA is measured under natural convection (still air) at TA = 25°C with the component mounted on a high effective-thermal-
conductivity four-layer test board on a JEDEC 51-7 thermal measurement standard.
Note 3.
Devices are ESD sensitive. Handling precautions are recommended.
Note 4.
The device is not guaranteed to function outside its operating conditions.
Note 5.
Effective capacitance after DC bias effects have been considered.
Note 6.
Guaranteed by design.
Note 7.
The device can sustain the maximum recommended output current, Users must verify that the thermal performance of
the end application can support the maximum output current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com