Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5504 Datasheet(PDF) 55 Page - Texas Instruments

Part # TAS5504
Description  4 Channel Digital Audio PWM Processor
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5504 Datasheet(HTML) 55 Page - Texas Instruments

Back Button TAS5504_06 Datasheet HTML 51Page - Texas Instruments TAS5504_06 Datasheet HTML 52Page - Texas Instruments TAS5504_06 Datasheet HTML 53Page - Texas Instruments TAS5504_06 Datasheet HTML 54Page - Texas Instruments TAS5504_06 Datasheet HTML 55Page - Texas Instruments TAS5504_06 Datasheet HTML 56Page - Texas Instruments TAS5504_06 Datasheet HTML 57Page - Texas Instruments TAS5504_06 Datasheet HTML 58Page - Texas Instruments TAS5504_06 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 96 page
background image
Electrical Specifications
48
SLES123 − October 2004
TAS5504
3.6.6 Backend Error (BKND_ERR)
3.6.6.1
Control Signal Parameters Over Recommended Operating Conditions (Unless
Otherwise Noted)
PARAMETER
MIN
TYP
MAX
UNITS
tw(ER)
Pulse duration, BKND_ERR active
350
None
ns
tp(valid_low)
<100
µs
tp(valid_high)
I2C programmable to be between 1 to 10 ms
−25
25 % of interval
ERR_RCVRY
tp(valid_low)
M-State
tw(ER)
tp(valid_high)
Normal
Operation
Normal
Operation
Figure 3−6. Error Recovery Timing
3.6.7 MUTE Timing—MUTE
3.6.7.1
Control Signal Parameters Over Recommended Operating Conditions (Unless
Otherwise Noted)
PARAMETER
MIN
TYP
MAX
UNITS
td(VOL
Volume ramp time
Defined by rate setting(1)
ms
NOTE 1: See the Volume Treble and Base Slew Rate Register (0xD0) section.
td(VOL)
VOLUME
MUTE
Normal
Operation
M-State
Normal
Operation
td(VOL)
Figure 3−7. Mute Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com