Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5504 Datasheet(PDF) 72 Page - Texas Instruments

Part # TAS5504
Description  4 Channel Digital Audio PWM Processor
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5504 Datasheet(HTML) 72 Page - Texas Instruments

Back Button TAS5504_06 Datasheet HTML 68Page - Texas Instruments TAS5504_06 Datasheet HTML 69Page - Texas Instruments TAS5504_06 Datasheet HTML 70Page - Texas Instruments TAS5504_06 Datasheet HTML 71Page - Texas Instruments TAS5504_06 Datasheet HTML 72Page - Texas Instruments TAS5504_06 Datasheet HTML 73Page - Texas Instruments TAS5504_06 Datasheet HTML 74Page - Texas Instruments TAS5504_06 Datasheet HTML 75Page - Texas Instruments TAS5504_06 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 96 page
background image
Serial Control Interface Register Definitions
66
SLES123 − October 2004
TAS5504
6.9
Soft Mute Register (0x0F)
Table 6−9. Soft Mute Register
D7
D6
D5
D4
D3
D2
D1
D0
Function
−
−
−
−
−
−
−
1
Soft Mute Channel 1
−
−
−
−
−
−
1
−
Soft Mute Channel 2
−
1
−
−
−
−
−
−
Soft Mute Channel 3
1
−
−
−
−
−
−
−
Soft Mute Channel 4
0
0
0
0
0
0
0
0
Unmute All Channels
6.10 Automute Control Register(0x14)
Table 6−10. Automute Control Register
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
−
−
−
−
0
0
0
0
Set input automute and PWM automute delay to 1 ms
−
−
−
−
0
0
0
1
Set input automute and PWM automute delay to 2 ms
−
−
−
−
0
0
1
0
Set input automute and PWM automute delay to 3 ms
−
−
−
−
0
0
1
1
Set input automute and PWM automute delay to 4 ms
−
−
−
−
0
1
0
0
Set input automute and PWM automute delay to 5 ms
−
−
−
−
0
1
0
1
Set input automute and PWM automute delay to 10 ms
−
−
−
−
0
1
1
0
Set input automute and PWM automute delay to 20 ms
−
−
−
−
0
1
1
1
Set input automute and PWM automute delay to 30 ms
−
−
−
−
1
0
0
0
Set input automute and PWM automute delay to 40 ms
−
−
−
−
1
0
0
1
Set input automute and PWM automute delay to 50 ms
−
−
−
−
1
0
1
0
Set input automute and PWM automute delay to 60 ms
−
−
−
−
1
0
1
1
Set input automute and PWM automute delay to 70ms
−
−
−
−
1
1
0
0
Set input automute and PWM automute delay to 80 ms
−
−
−
−
1
1
0
1
Set input automute and PWM automute delay to 90 ms
−
−
−
−
1
1
1
0
Set input automute and PWM automute delay to 100 ms
−
−
−
−
1
1
1
1
Set input automute and PWM automute delay to 110 ms
0
0
0
0
−
−
−
Set input automute threshold less than Bit 1 (zero input signal), lowest automute
0
0
0
1
−
−
−
−
Set input automute threshold less than Bit 1 (zero input signal), lowest automute
threshold.
0
0
1
0
−
−
−
−
Set input automute threshold less than Bit 2
0
0
1
1
−
−
−
−
Set input automute threshold less than Bit 3
0
1
0
0
−
−
−
−
Set input automute threshold less than Bit 4
0
1
0
1
−
−
−
−
Set input automute threshold less than Bit 5
0
1
1
0
−
−
−
−
Set input automute threshold less than Bit 6
0
1
1
1
−
−
−
−
Set input automute threshold less than Bit 7
1
0
0
0
−
−
−
−
Set input automute threshold less than Bit 8
1
0
0
1
−
−
−
−
Set input automute threshold less than Bit 9
1
0
1
0
−
−
−
−
Set input automute threshold less than Bit 10
1
0
1
1
−
−
−
−
Set input automute threshold less than Bit 11
1
1
0
0
−
−
−
−
Set input automute threshold less than Bit 12
1
1
0
1
−
−
−
−
Set input automute threshold less than Bit 13
1
1
1
0
−
−
−
−
Set input automute threshold less than Bit 14
1
1
1
1
−
−
−
−
Set input automute threshold less than Bit 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com