Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5504 Datasheet(PDF) 28 Page - Texas Instruments

Part # TAS5504
Description  4 Channel Digital Audio PWM Processor
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5504 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TAS5504_06 Datasheet HTML 24Page - Texas Instruments TAS5504_06 Datasheet HTML 25Page - Texas Instruments TAS5504_06 Datasheet HTML 26Page - Texas Instruments TAS5504_06 Datasheet HTML 27Page - Texas Instruments TAS5504_06 Datasheet HTML 28Page - Texas Instruments TAS5504_06 Datasheet HTML 29Page - Texas Instruments TAS5504_06 Datasheet HTML 30Page - Texas Instruments TAS5504_06 Datasheet HTML 31Page - Texas Instruments TAS5504_06 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 96 page
background image
Introduction
20
SLES123 − October 2004
TAS5504
The TAS5504 has a single set of loudness controls for the four channels. The loudness control input uses the
Maximum individual master volume (V) to control the loudness that is applied to all channels. In 192-kHz and
176.4-kHz modes, the loudness function is active only for channels 1, 2, and 4.
+
x
x
Audio In
Audio Out
Loudness Function = f (V)
V
x
V
Loudness
Biquad
H(Z)
Figure 1−15. Loudness Compensation Functional Block Diagram
Loudness Function = f (V) = G x [2 [(Log V) x LG + LO]] + O
or alternatively,
Loudness Function = f (V) = G x [V LG x 2LO] + O
For example, for the default values LG = −0.5, LO = 0.0, G = 1.0, and O = 0.0 then:
Loudness Function = 1 / SQRT (V) which is the recommended transfer function for loudness. So,
Audio Out = (Audio In) x V + H (Z) x SQRT (V). Other transfer functions are possible.
Table 1−6. Default Loudness Compensation Parameters
LOUDNESS
DESCRIPTION
USAGE
DATA
I2C
SUB ADD
DEFAULT
LOUDNESS
TERM
DESCRIPTION
USAGE
DATA
FORMAT
SUB-ADD
RESS
HEX
FLOAT
V
Max volume
Gains audio
5.23
NA
NA
NA
Log V
Log2 (max volume)
Loudness function
5.23
NA
00000000
0.0
H (Z)
Loudness biquad
Controls shape of
Loudness curves
5.23
0x95
b0 = 0000D513
b1 = 00000000
b2 = 0FFF2AED
a1 = 00FE5045
a2 = 0F81AA27
b0 = 0.006503
b1 = 0
b2 = −0.006503
a1 = 1.986825
a2 = −0.986995
LG
Gain (log space)
Loudness function
5.23
0x91
FFC00000
−0.5
LO
Offset (log space)
Loudness function
25.23
0x92
00000000
0
G
Gain
Switch to enable
Loudness (ON = 1,
OFF = 0)
5.23
0x93
00000000
0
O
Offset
Provides offset
25.23
0x94
00000000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com