| Electronic Components Datasheet Search |
|
TAS5504 Datasheet(PDF) 30 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TAS5504 Datasheet(HTML) 30 Page - Texas Instruments |
|
30 / 96 page ![]() Introduction 22 SLES123 − October 2004 TAS5504 1.10 Dynamic Range Control (DRC) The DRC provides both compression and expansion capabilities over three separate and definable regions of audio signal levels. Programmable threshold levels set the boundaries of the three regions. Within each of the three regions a distinct compression or expansion transfer function can be established and the slope of each transfer function is determined by programmable parameters. The offset (boost or cut) at the two boundaries defining the three regions can also be set by programmable offset coefficients. The DRC implements the composite transfer function by computing a 5.23 format gain coefficient from each sample output from the rms estimator. This gain coefficient is then applied to a mixer element, whose other input is the audio data stream. The mixer output is the DRC-adjusted audio data. There are two distinct DRC blocks in the TAS5504. DRC1 services channels 1−3. This DRC computes rms estimates of the audio data streams on all channels that it controls. The estimates are then compared on a sample-by-sample basis and the larger of the estimates is used to compute the compression/expansion gain coefficient. The gain coefficient is then applied to appropriate channels audio stream. DRC2 services only channel 4. This DRC also computes an rms estimate of the signal level on channel 4 and this estimate is used to compute the compression/expansion gain coefficient applied to the channel 4 audio stream. All of the TAS5504 default values for DRC can be used except for the DRC1 decay and DRC2 decay. Table 1−8 shows the recommended time constants and their HEX values. If the user wants to implement other DRC functions, Texas Instruments recommends using the automatic loudspeaker equalization (ALE) tool available from Texas Instruments. The ALE tool allows the user to select the DRC transfer function graphically. It will then output the TAS5504 hex coefficients for download to the TAS5504. Table 1−8. DRC Recommended Changes From TAS5504 Defaults I2C SUBADDRESS REGISTER FIELDS RECOMMENDED TIME CONSTANT (MS) RECOMMENDED HEX VALUE DEFAULT HEX 0x98 DRC1 energy 5 0000883F 0000883F DRC1 (1 – energy) 007F77C0 007F77C0 0x9C DRC1 attack 5 0000883F 0000883F DRC1 (1 – attack) 007F77C0 007F77C0 DRC1 decay 2 0001538F 000000AE DRC1 (1 – decay) 007EAC70 007FFF51 0x9D DRC2 energy 5 0000883F 0000883F DRC2 (1 – energy) 007F77C0 007F77C0 0xA1 DRC2 attack 5 0000883F 0000883F DRC2 (1 – attack) 007F77C0 007F77C0 DRC2 decay 2 0001538F 000000AE DRC2 (1 – decay) 007EAC70 007FFF51 Recommended DRC set-up flow if the defaults are used: • After power up, load the recommended hex value for DRC1 and DRC2 decay and (1 – decay). See Table 1−8. • Enable either the pre-volume or post-volume DRC Recommended DRC set-up flow if the DRC design uses values different from the defaults: • After power up, load all DRC coefficients per the DRC design. • Enable either the pre-volume or post-volume DRC Figure 1−17 shows the positioning of the DRC block in the TAS5504 processing flow. As seen, the DRC input can come from either before or after soft volume control and loudness processing. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |