| Electronic Components Datasheet Search |
|
TAS5504 Datasheet(PDF) 20 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TAS5504 Datasheet(HTML) 20 Page - Texas Instruments |
|
20 / 96 page ![]() Introduction 12 SLES123 − October 2004 TAS5504 7 Biquads in Series Bass and Treble Loudness DRC Input Mixer 1 Other Channel Output From 7 Available 32-Bit Trunc PWM Proc Volume A_to_ipmix B_to_ipmix A SDIN1 B C_to_ipmix D_to_ipmix C SDIN2 D E_to_ipmix F_to_ipmix E SDIN3 F G_to_ipmix H_to_ipmix G SDIN4 H Max Volume Left Left Left Left Right Right Right Right Channel Volume Master Volume Bass and Treble Bypass Bass and Treble In-Line Pre- Volume Post- Volume DRC In-Line DRC Bypass Output Gain Output Mixer Sums Any Two Channels PWM Output Figure 1−4. TAS5504 Detailed Channel Processing 1.4.2 I2C Coefficient Number Formats The architecture of the TAS5504 is contained in ROM resources within the TAS5504 and cannot be altered. However, mixer gain, level offset, and filter tap coefficients, which can be entered via the I2C bus interface, provide a user with the flexibility to set the TAS5504 to a configuration that achieves the system level goals. The firmware is executed in a 48-bit signed fixed-point arithmetic machine. The most significant bit of the 48-bit data path is a sign bit, and the 47 lower bits are data bits. Mixer gain operations are implemented by multiplying a 48-bit signed data value by a 28-bit signed gain coefficient. The 76-bit signed output product is then truncated to a signed 48-bit number. Level offset operations are implemented by adding a 48-bit signed offset coefficient to a 48-bit signed data value. In most cases, if the addition results in overflowing the 48-bit signed number format, saturation logic is used. This means that if the summation results in a positive number that is greater than 0x7FFF_FFFF_FFFF (the spaces are used to ease the reading of the hexadecimal number), the number is set to 0x7FFF_FFFF_FFFF. If the summation results in a negative number that is less than 0x8000_0000_0000 0000, the number is set to 0x8000_0000_0000 0000. 1.4.2.1 28-Bit 5.23 Number Format All mixer gain coefficients are 28-bit coefficients using a 5.23 number format. Numbers formatted as 5.23 numbers means that there are 5 bits to the left of the decimal point and 23 bits to the right of the decimal point. This is shown in the Figure 1−5. 2−23 Bit S_xxxx.xxxx_xxxx_xxxx_xxxx_xxx 2−4 Bit 2−1 Bit 20 Bit Sign Bit 23 Bit Figure 1−5. 5.23 Format |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |