Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56004ROM Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # DSP56004ROM
Description  SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56004ROM Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button DSP56004ROM Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 22Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 23Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 82 page
background image
Signal/Connection Descriptions
On-Chip Emulation (OnCETM) Port
MOTOROLA
DSP56004/D, Rev. 3
1-17
DSCK
OS1
Input
Output
Output,
Driven Low
Debug Serial Clock (DSCK)
—The DSCK/OS1 signal,
when an input, is the signal through which the serial clock
is supplied to the OnCE port. The serial clock provides
pulses required to shift data into and out of the OnCE port.
Data is clocked into the OnCE port on the falling edge and
is clocked out of the OnCE port on the rising edge.
Operating Status 1 (OS1)
—If the OS1 signal is an output
and used in conjunction with the OS0 signal, it provides
information about the DSP status when the DSP is not in the
Debug mode. The debug serial clock frequency must be no
greater than 1/8 of the processor clock frequency. The
signal is tri-stated when it is changing from input to output.
Note:
If the OnCE port is in use, an external pull-down resistor
should be attached to the DSCK/OS1 pin. If the OnCE
port is not in use, the resistor is not required.
DSO
Output
Driven High
Debug Serial Output (DSO)
—The DSO line provides the
data contained in one of the OnCE port controller registers
as specified by the last command received from the
command controller. The Most Significant Bit (MSB) of the
data word is always shifted out of the OnCE port first. Data
is clocked out of the OnCE port on the rising edge of DSCK.
The DSO line also provides acknowledge pulses to the
external command controller. When the DSP enters the
Debug mode, the DSO line will be pulsed low to indicate
that the OnCE port is waiting for commands. After
receiving a read command, the DSO line will be pulsed low
to indicate that the requested data is available and the
OnCE port is ready to receive clock pulses in order to
deliver the data. After receiving a write command, the DSO
line will be pulsed low to indicate that the OnCE port is
ready to receive the data to be written; after the data is
written, another acknowledge pulse will be provided.
Note:
During hardware reset and when idle, the DSO line is
held high.
Table 1-12
On-Chip Emulation Port Signals (Continued)
Signal
Name
Signal
Type
State during
Reset
Signal Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com