Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56004ROM Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # DSP56004ROM
Description  SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56004ROM Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button DSP56004ROM Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 82 page
background image
1-12
DSP56004/D, Rev. 3
MOTOROLA
Signal/Connection Descriptions
Serial Host Interface (SHI)
SS
HA2
Input
Input
Tri-stated
SPI Slave Select (SS)
—This signal is an active low
Schmitt-trigger input when configured for the SPI
mode. When configured for the SPI Slave mode, this
signal is used to enable the SPI slave for transfer.
When configured for the SPI Master mode, this
signal should be kept deasserted. If it is asserted
while configured as SPI master, a bus error
condition will be flagged.
I2C Slave Address 2 (HA2)
—This signal uses a
Schmitt-trigger input when configured for the I2C
mode. When configured for the I2C Slave mode, the
HA2 signal is used to form the slave device address.
HA2 is ignored in the I2C Master mode. If SS is
deasserted, the SHI ignores SCK clocks and keeps
the MISO output signal in the high-impedance
state.
Note:
This signal is tri-stated during hardware reset,
software reset, or individual reset (no need for
external pull-up in this state).
HREQ
Input or
Output
Tri-stated
Host Request
—This signal is an active low Schmitt-
trigger input when configured for the Master mode, but
an active low output when configured for the Slave
mode. When configured for the Slave mode, HREQ is
asserted to indicate that the SHI is ready for the next data
word transfer and deasserted at the first clock pulse of
the new data word transfer. When configured for the
Master mode, HREQ is an input and when asserted by
the external slave device, it will trigger the start of the
data word transfer by the master. After finishing the data
word transfer, the master will await the next assertion of
HREQ to proceed to the next transfer.
Note:
This signal is tri-stated during hardware, software,
individual reset, or when the HREQ[1:0] bits (in the
HCSR) are cleared (no need for external pull-up in this
state).
Table 1-8
Serial Host Interface (SHI) signals (Continued)
Signal Name
Signal
Type
State
during
Reset
Signal Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com