Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56004ROM Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # DSP56004ROM
Description  SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56004ROM Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button DSP56004ROM Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 22Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 82 page
background image
Signal/Connection Descriptions
Serial Audio Interface (SAI)
MOTOROLA
DSP56004/D, Rev. 3
1-13
SERIAL AUDIO INTERFACE (SAI)
The SAI is composed of separate receiver and transmitter sections.
SAI Receiver Section
Table 1-9
Serial Audio Interface (SAI) Receiver signals
Signal
Name
Signal
Type
State during
Reset
Signal Description
SDI0
Input
Tri-stated
Serial Data Input 0
—While in the high impedance
state, the internal input buffer is disconnected from
the pin and no external pull-up is necessary. SDI0 is
the serial data input for receiver 0.
Note:
This signal is high impedance during hardware or
software reset, while receiver 0 is disabled
(R0EN = 0), or while the DSP is in the Stop state.
SDI1
Input
Tri-stated
Serial Data Input 1
—While in the high impedance
state, the internal input buffer is disconnected from
the pin and no external pull-up is necessary. SDI1 is
the serial data input for receiver 1.
Note:
This signal is high impedance during hardware or
software reset, while receiver 1 is disabled
(R1EN = 0), or while the DSP is in the Stop state.
SCKR
Input or
Output
Tri-stated
Receive Serial Clock
—SCKR is an output if the
receiver section is programmed as a master, and a
Schmitt-trigger input if programmed as a slave. While
in the high impedance state, the internal input buffer
is disconnected from the pin and no external pull-up is
necessary.
Note:
SCKR is high impedance if all receivers are
disabled (individual reset) and during hardware or
software reset, or while the DSP is in the Stop state.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com