Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56004ROM Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # DSP56004ROM
Description  SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56004ROM Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button DSP56004ROM Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 82 page
background image
1-6
DSP56004/D, Rev. 3
MOTOROLA
Signal/Connection Descriptions
External Memory Interface (EMI)
.
MD0–MD7
Bidi-
rectional
Tri-stated
Data Bus
—These signals provide the bidirectional data bus for
EMI accesses. They are inputs during reads from external
memory, outputs during writes to external memory, and tri-
stated if no external access is taking place. If the data bus width
is defined as four bits wide, only signals MD0–MD3 are active,
while signals MD4–MD7 remain tri-stated. While tri-stated,
MD0–MD7 are disconnected from the pins and do not require
external pull-ups.
Table 1-6
EMI States during Reset and Stop States
Signal
Operating Mode
Hardware Reset
Software Reset Individual Reset
Stop Mode
MA0–MA14
Driven High
Previous State
Previous State
Previous State
MA15
MCS3
Driven High
Driven High
Driven High
Driven High
Previous State
Driven High
Previous State
Driven High
MA16
MCS2
MCAS:
DRAM refresh disabled
DRAM refresh enabled
Driven High
Driven High
Driven High
Driven High
Driven High
Driven High
Driven High
Driven High
Previous State
Driven High
Driven High
Driven Low
Previous State
Driven High
Driven High
Driven High
MA17
MCS1
MRAS
:
DRAM refresh disabled
DRAM refresh enabled
Driven High
Driven High
Driven High
Driven High
Driven High
Driven High
Driven High
Driven High
Previous State
Driven High
Driven High
Driven Low
Previous State
Driven High
Driven High
Driven High
MCS0
Driven High
Driven High
Driven High
Driven High
MWR
Driven High
Driven High
Driven High
Driven High
MRD
Driven High
Driven High
Driven High
Driven High
Table 1-5
External Memory Interface (EMI) Signals (Continued)
Signal Name
Signal
Type
State during
Reset
Signal Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com