Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56004ROM Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # DSP56004ROM
Description  SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56004ROM Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button DSP56004ROM Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56004ROM Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 82 page
background image
Signal/Connection Descriptions
Interrupt and Mode Control
MOTOROLA
DSP56004/D, Rev. 3
1-9
MODC
NMI
Input,
edge-
triggered
Input (MODC) Mode Select C—This input signal has two functions:
•
to work with the MODA and MODB signals to select
the DSP’s initial operating mode, and
•
to allow an external device to request a DSP
interrupt after internal synchronization.
MODC is read and internally latched in the DSP when the
processor exits the Reset state. The logic state present on the
MODA, MODB, and MODC pins selects the initial DSP
operating mode. Several clock cycles after leaving the Reset
state, the MODC signal changes to the Non-Maskable
Interrupt request, NMI. The DSP operating mode can be
changed by software after reset.
Non-Maskable Interrupt Request
—The NMI input is a
negative-edge-triggered external interrupt request. This is a
level 3 interrupt that can not be masked out. Triggering
occurs at a voltage level and is not directly related to the fall
time of the interrupt signal. However, as the fall time of the
interrupt signal increases, the probability that noise on NMI
will generate multiple interrupts also increases. Hardware
reset causes this input to function as MODC.
RESET
input
active
RESET
—This input causes a direct hardware reset of the
processor. When RESET is asserted, the DSP is initialized and
placed in the Reset state. A Schmitt-trigger input is used for
noise immunity. When the reset signal is deasserted, the initial
DSP operating mode is latched from the MODA, MODB, and
MODC signals. The DSP also samples the PINIT signal and
writes its status into the PEN bit of the PLL Control Register.
When the DSP comes out of the Reset state, deassertion
occurs at a voltage level and is not directly related to the rise
time of the RESET signal. However, the probability that
noise on RESET will generate multiple resets increases with
increasing rise time of the RESET signal.
For proper hardware reset to occur, the clock must be active,
since a number of clock ticks are required for proper
propagation of the hardware Reset state.
Table 1-7
Interrupt and Mode Control Signals (Continued)
Signal Name
Signal
Type
State during
Reset
Signal Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com